Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFSP05120A Datasheet (PDF) - ON Semiconductor

FFSP05120A Datasheet PDF - ON Semiconductor
Part # FFSP05120A
Download  FFSP05120A Download
File Size   304.78 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide Schottky Diode 1200 V, 5 A

FFSP05120A Datasheet (PDF)

Go To PDF Page Download Datasheet
FFSP05120A Datasheet PDF - ON Semiconductor

Part # FFSP05120A
Download  FFSP05120A Click to download

File Size   304.78 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide Schottky Diode 1200 V, 5 A

FFSP05120A Datasheet (HTML) - ON Semiconductor


FFSP05120A Product details

Description
Silicon Carbide (SiC) Schottky Diodes use a completely new
technology that provides superior switching performance and higher
reliability compared to Silicon. No reverse recovery current,
temperature independent switching characteristics, and excellent
thermal performance sets Silicon Carbide as the next generation of
power semiconductor. System benefits include highest efficiency,
faster operating frequency, increased power density, reduced EMI, and
reduced system size and cost.

Features
• Max Junction Temperature 175°C
• Avalanche Rated 55 mJ
• High Surge Current Capacity
• Positive Temperature Coefficient
• Ease of Paralleling
• No Reverse Recovery/No Forward Recovery
• This Device is Pb−Free, Halogen Free/BFR Free and RoHS
Compliant

Applications
• General Purpose
• SMPS, Solar Inverter, UPS
• Power Switching Circuits




Similar Part No. - FFSP05120A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP05120A ONSEMI-FFSP05120A Datasheet
624Kb / 7P
Silicon Carbide Schottky Diode
June, 2017, Rev.1.0
More results


Similar Description - FFSP05120A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR05C120 SSDI-SSR05C120 Datasheet
205Kb / 2P
5 A / 1200 V Schottky Silicon Carbide Rectifier
logo
ON Semiconductor
FFSD08120A ONSEMI-FFSD08120A Datasheet
465Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 8 A
January, 2020 ??Rev. 3
FFSH15120A ONSEMI-FFSH15120A Datasheet
450Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 15 A
January, 2020 ??Rev. 2
FFSP10120A ONSEMI-FFSP10120A Datasheet
301Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 10 A
January, 2020 ??Rev. 2
FFSH10120A-F155 ONSEMI-FFSH10120A-F155 Datasheet
310Kb / 7P
Silicon Carbide Schottky Diode 1200 V, 10 A
August, 2020 - Rev. 0
FFSH10120ADN-F155 ONSEMI-FFSH10120ADN-F155 Datasheet
369Kb / 7P
Silicon Carbide Schottky Diode 1200 V, 10 A
December, 2019 - Rev. 3
FFSH20120A-F155 ONSEMI-FFSH20120A-F155 Datasheet
282Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 20 A
August, 2020 - Rev. 0
FFSB10120A-F085 ONSEMI-FFSB10120A-F085_V01 Datasheet
316Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 10 A
March, 2022 - Rev. 2
FFSB20120A-F085 ONSEMI-FFSB20120A-F085_V01 Datasheet
316Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 20 A
March, 2022 - Rev. 2
logo
WOLFSPEED, INC.
C4D05120A WOLFSPEED-C4D05120A Datasheet
1Mb / 9P
4th Generation 1200 V, 5 A Silicon Carbide Schottky Diode
Rev. 4, March 2023
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com