Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS78116AB Datasheet (PDF) - GSI Technology

GS78116AB Datasheet PDF - GSI Technology
Part # GS78116AB
Download  GS78116AB Download
File Size   643.2 Kbytes
Page   11 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 512K x 16 8Mb Asynchronous SRAM

GS78116AB Datasheet (PDF)

Go To PDF Page Download Datasheet
GS78116AB Datasheet PDF - GSI Technology

Part # GS78116AB
Download  GS78116AB Click to download

File Size   643.2 Kbytes
Page   11 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 512K x 16 8Mb Asynchronous SRAM

GS78116AB Datasheet (HTML) - GSI Technology


GS78116AB Product details

Description
The GS78116A is a high speed CMOS Static RAM organized as 524,288-words by 16-bits. Static design eliminates the need for external clocks or timing strobes. The GS78116A operates on a single 3.3 V power supply, and all inputs and outputs are TTL-compatible. The GS78116 is available in a 14 mm x 22 mm BGA package.

Features
• Fast access time: 8, 10, 12 ns
• CMOS low power operation: 240/190/170 mA at minimum cycle time
• Single 3.3 V ± 0.3 V power supply
• All inputs and outputs are TTL-compatible
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• 14 mm x 22 mm, 119-bump, 1.27 mm Pitch Ball Grid Array package
• RoHS-compliant package available




Similar Part No. - GS78116AB

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
512K x 16 8Mb Asynchronous SRAM
GS78116B-10 GSI-GS78116B-10 Datasheet
415Kb / 11P
512K x 16 8Mb Asynchronous SRAM
GS78116B-10I GSI-GS78116B-10I Datasheet
415Kb / 11P
512K x 16 8Mb Asynchronous SRAM
GS78116B-12 GSI-GS78116B-12 Datasheet
415Kb / 11P
512K x 16 8Mb Asynchronous SRAM
GS78116B-12I GSI-GS78116B-12I Datasheet
415Kb / 11P
512K x 16 8Mb Asynchronous SRAM
More results


Similar Description - GS78116AB

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
GSI Technology
GS78108AB GSI-GS78108AB Datasheet
642Kb / 11P
1M x 8 8Mb Asynchronous SRAM
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
1M x 8 8Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
512K x 16 8Mb Asynchronous SRAM
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
256K x 32 8Mb Asynchronous SRAM
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
256K x 32 8Mb Asynchronous SRAM
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com