Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

890414026005CS Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

890414026005CS Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 890414026005CS
Download  890414026005CS Download
File Size   1021.92 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-FTXH Film Capacitors

890414026005CS Datasheet (PDF)

Go To PDF Page Download Datasheet
890414026005CS Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 890414026005CS
Download  890414026005CS Click to download

File Size   1021.92 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-FTXH Film Capacitors

890414026005CS Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


890414026005CS Product details

General Information:
X2-Safety Class Capacitor THB; MKP - Metallized Polypropylene
Operating Temperature -40 up to +110 °C
Storage Conditions
(in original packaging) 5 °C up to + 35 °C; 10 % up to 75 % RH
Maximum Selfheating (Rated) 10 °C
Moisture Sensitivity Level (MSL) 1
Climatic Category 40/110/56/B
Test conditions of electrical properties: +20 °C, 35 % RH if not specified differently
FIT according to separate documentation
THB: Suitable for Harsh Environmental Conditions




Similar Part No. - 890414026005CS

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
890414026001CS WURTH-890414026001CS Datasheet
1,023Kb / 8P
WCAP-FTXH Film Capacitors
001.001
890414026003CS WURTH-890414026003CS Datasheet
1Mb / 8P
WCAP-FTXH Film Capacitors
001.001
890414026004CS WURTH-890414026004CS Datasheet
1,021Kb / 8P
WCAP-FTXH Film Capacitors
001.001
890414026007CS WURTH-890414026007CS Datasheet
989Kb / 8P
WCAP-FTXH Film Capacitors
001.001
890414026009CS WURTH-890414026009CS Datasheet
989Kb / 8P
WCAP-FTXH Film Capacitors
001.001
More results


Similar Description - 890414026005CS

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
890414025001CS WURTH-890414025001CS Datasheet
1Mb / 8P
WCAP-FTXH Film Capacitors
001.001
890414025007CS WURTH-890414025007CS Datasheet
1,022Kb / 8P
WCAP-FTXH Film Capacitors
001.001
890414025010CS WURTH-890414025010CS Datasheet
1,022Kb / 8P
WCAP-FTXH Film Capacitors
001.001
890414026001CS WURTH-890414026001CS Datasheet
1,023Kb / 8P
WCAP-FTXH Film Capacitors
001.001
890414027002CS WURTH-890414027002CS Datasheet
992Kb / 8P
WCAP-FTXH Film Capacitors
001.001
890414027003CS WURTH-890414027003CS Datasheet
1,002Kb / 8P
WCAP-FTXH Film Capacitors
001.001
890414027004CS WURTH-890414027004CS Datasheet
1Mb / 8P
WCAP-FTXH Film Capacitors
001.001
890414027006CS WURTH-890414027006CS Datasheet
989Kb / 8P
WCAP-FTXH Film Capacitors
001.001
890414027009CS WURTH-890414027009CS Datasheet
1,009Kb / 8P
WCAP-FTXH Film Capacitors
001.001
890414027010CS WURTH-890414027010CS Datasheet
992Kb / 8P
WCAP-FTXH Film Capacitors
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com