Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3311EACPZ Datasheet (PDF) - Analog Devices

ADM3311EACPZ Datasheet PDF - Analog Devices
Part # ADM3311EACPZ
Download  ADM3311EACPZ Download
File Size   486.74 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle

ADM3311EACPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM3311EACPZ Datasheet PDF - Analog Devices

Part # ADM3311EACPZ
Download  ADM3311EACPZ Click to download

File Size   486.74 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle

ADM3311EACPZ Datasheet (HTML) - Analog Devices


ADM3311EACPZ Product details

FEATURES
Green Idle power-saving mode
Single 2.7 V to 3.6 V power supply
Operates with 3 V logic
0.1 μF to 1 μF charge pump capacitors
Low EMI
Low power shutdown: 20 nA
Full RS-232 compliance
460 kb/s data rate
One receiver active in shutdown (ADM3307E/ADM3311E/ADM3312E/ADM3315E)
Two receivers active in shutdown (ADM3310E)
ESD >15 kV IEC 1000-4-2 on RS-232 I/Os
ESD >15 kV IEC 1000-4-2 on CMOS and RS-232 I/Os (ADM3307E)
Qualified for automotive applications

APPLICATIONS
Mobile phone handsets/data cables
Laptop and notebook computers
Printers
Peripherals
Modems
PDAs/Hand-Held Devices/Palmtop Computers




Similar Part No. - ADM3311EACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3311EACPZ AD-ADM3311EACPZ Datasheet
425Kb / 24P
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3311EACPZ-REEL AD-ADM3311EACPZ-REEL Datasheet
425Kb / 24P
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3311EACPZ-REEL7 AD-ADM3311EACPZ-REEL7 Datasheet
425Kb / 24P
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
More results


Similar Description - ADM3311EACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV.A
ADM3307E AD-ADM3307E Datasheet
312Kb / 16P
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
4/04-Data Sheet changed from REV. F to REV. G
ADM3312EARUZ AD-ADM3312EARUZ Datasheet
425Kb / 24P
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com