Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H40N03E Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H40N03E Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H40N03E
Download  H40N03E Download
File Size   54.65 Kbytes
Page   5 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description N-Channel Enhancement-Mode MOSFET (25V, 40A)

H40N03E Datasheet (PDF)

Go To PDF Page Download Datasheet
H40N03E Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H40N03E
Download  H40N03E Click to download

File Size   54.65 Kbytes
Page   5 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description N-Channel Enhancement-Mode MOSFET (25V, 40A)

H40N03E Datasheet (HTML) - Hi-Sincerity Mocroelectronics


H40N03E Product details

Features
• RDS(on)=16mΩ@VGS=10V, ID=20A
• RDS(on)=25mΩ@VGS=4.5V, ID=20A
• Advanced trench process technology
• High Density Cell Design for Ultra Low On-Resistance
• Specially Designed for DC/DC Converters and Motor Drivers
• Fully Characterized Avalanche Voltage and Current
• Improved Shoot-Through FOM




Similar Part No. - H40N03E

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
H40N25F HUIXIN-H40N25F Datasheet
581Kb / 7P
250V N-Channel MOSFET
More results


Similar Description - H40N03E

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD09N03 PANJIT-PJD09N03 Datasheet
142Kb / 4P
25V N-Channel Enhancement Mode MOSFET
PJ12N03D PANJIT-PJ12N03D Datasheet
151Kb / 4P
25V N-Channel Enhancement Mode MOSFET
PJ6680 PANJIT-PJ6680 Datasheet
152Kb / 5P
25V N-Channel Enhancement Mode MOSFET
PJ6694 PANJIT-PJ6694 Datasheet
207Kb / 5P
25V N-Channel Enhancement Mode MOSFET
logo
Champion Microelectroni...
CMT35N03G CHAMP-CMT35N03G Datasheet
255Kb / 6P
25V N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU_15 Datasheet
509Kb / 6P
25V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Cystech Electonics Corp...
MTB010N02DFJ6 CYSTEKEC-MTB010N02DFJ6 Datasheet
670Kb / 9P
25V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2600UFB DIODES-DMN2600UFB_15 Datasheet
413Kb / 6P
25V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMG301NU DIODES-DMG301NU Datasheet
509Kb / 6P
25V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
First Components Intern...
FMD50N02 FCI-FMD50N02 Datasheet
363Kb / 2P
25V N-Channel Enhancement-Mode MOSFET
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com