Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H9926S Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H9926S Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H9926S
Download  H9926S Download
File Size   45.67 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)

H9926S Datasheet (PDF)

Go To PDF Page Download Datasheet
H9926S Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H9926S
Download  H9926S Click to download

File Size   45.67 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)

H9926S Datasheet (HTML) - Hi-Sincerity Mocroelectronics


H9926S Product details

Description
This N-Channel 2.5V specified MOSFET is a rugged gate version of advanced trench process. It has been optimized for power management applications with a wide range of gate drive voltage (2.5V-10V)

Features
• RDS(on)=40mΩ@VGS=2.5V, ID=5.2A; RDS(on)=30mΩ@VGS=4.5V, ID=6A
• High Density Cell Design for Ultra Low On-Resistance
• High Power and Current Handing Capability
• Fully Characterized Avalanche Voltage and Current
• Ideal for Li ion Battery Pack Applications

Applications
• Battery Protection
• Load Switch
• Power Management




Similar Part No. - H9926S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H9926CTS HSMC-H9926CTS Datasheet
44Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
H9926TS HSMC-H9926TS Datasheet
44Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
More results


Similar Description - H9926S

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8 Datasheet
56Kb / 4P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2AM832 ZETEX-ZXMN2AM832 Datasheet
204Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Hi-Sincerity Mocroelect...
H9926TS HSMC-H9926TS Datasheet
44Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8_04 Datasheet
176Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM9966DCX6 TSC-TSM9966DCX6 Datasheet
156Kb / 4P
20V Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2AMC DIODES-ZXMN2AMC Datasheet
656Kb / 8P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Hi-Sincerity Mocroelect...
H8205 HSMC-H8205 Datasheet
53Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
H8205A HSMC-H8205A Datasheet
57Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
logo
Diodes Incorporated
ZXMD63N02X DIODES-ZXMD63N02X_15 Datasheet
265Kb / 8P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN2300UFL4 DIODES-DMN2300UFL4_17 Datasheet
467Kb / 7P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com