Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOENE24 Datasheet (PDF) - Belden Inc.

GOENE24 Datasheet PDF - Belden Inc.
Part # GOENE24
Download  GOENE24 Download
File Size   147.99 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 24f MM OM4.

GOENE24 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOENE24 Datasheet PDF - Belden Inc.

Part # GOENE24
Download  GOENE24 Click to download

File Size   147.99 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 24f MM OM4.

GOENE24 Datasheet (HTML) - Belden Inc.


GOENE24 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member and polyethylene outer jacket plus termite protection by
polyamide layer. Product feature: This cable has termite protection by polyamide layer. Existing out of 1 Tube with a diameter of 3.3mm with 24 fibers MM
OM4.




Similar Part No. - GOENE24

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOENE02 BELDEN-GOENE02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 2f MM OM4.
2023 Belden, Inc
GOENE04 BELDEN-GOENE04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 4f MM OM4.
2023 Belden, Inc
GOENE06 BELDEN-GOENE06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 6f MM OM4.
2023 Belden, Inc
GOENE08 BELDEN-GOENE08 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 8f MM OM4.
2023 Belden, Inc
GOENE12 BELDEN-GOENE12 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 12f MM OM4.
2023 Belden, Inc
More results


Similar Description - GOENE24

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCNE24 BELDEN-GOCNE24 Datasheet
150Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 24f MM OM4.
2023 Belden, Inc
GOENC24 BELDEN-GOENC24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 24f MM OM5.
2023 Belden, Inc
GOEND24 BELDEN-GOEND24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GOENE16 BELDEN-GOENE16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 16f MM OM4.
2023 Belden, Inc
GOGNE24 BELDEN-GOGNE24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 24f MM OM4.
2023 Belden, Inc
GOHNE24 BELDEN-GOHNE24 Datasheet
157Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWB PE with 1 Tube of Ø3.3mm 24f MM OM4.
2023 Belden, Inc
GORNE24 BELDEN-GORNE24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 24f MM OM4.
2023 Belden, Inc
GOSNE24 BELDEN-GOSNE24 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 24f MM OM4.
2023 Belden, Inc
GOVNE24 BELDEN-GOVNE24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 24f MM OM4.
2023 Belden, Inc
GOWNE24 BELDEN-GOWNE24 Datasheet
140Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWA PE with 1 Tube of Ø3.3mm 24f MM OM4.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com