Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC260LC3B Datasheet (PDF) - Hittite Microwave Corporation

HMC260LC3B Datasheet PDF - Hittite Microwave Corporation
Part # HMC260LC3B
Download  HMC260LC3B Download
File Size   272.35 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz

HMC260LC3B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC260LC3B Datasheet PDF - Hittite Microwave Corporation

Part # HMC260LC3B
Download  HMC260LC3B Click to download

File Size   272.35 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz

HMC260LC3B Datasheet (HTML) - Hittite Microwave Corporation


HMC260LC3B Product details

General Description
The HMC260LC3B is a general purpose double balanced mixer in a leadless RoHS compliant SMT package that can be used as an upconverter or downconverter between 14 and 26 GHz. This mixer requires no external components or matching circuitry. The HMC260LC3B provides excellent LO to RF and LO to IF suppression due to optimized balun structures. The mixer operates with LO drive levels above +9 dBm. The HMC260LC3B eliminates the need for wire bonding, allowing use of surface mount manufacturing techniques.

Features
   Passive: No DC Bias Required
   Input IP3: +20 dBm
   LO/RF Isolation: 40 dB
   Wide IF Bandwidth: DC - 8 GHz
   RoHS Compliant 3x3 mm SMT Package

Typical Applications
The HMC260LC3B is ideal for:
• Point-to-Point Radios
• Point-to-Mulit-Point Radios & VSAT
• Test Equipment & Sensors
• Military End-Use




Similar Part No. - HMC260LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260LC3B HITTITE-HMC260LC3B Datasheet
193Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260LC3B HITTITE-HMC260LC3B_09 Datasheet
193Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
More results


Similar Description - HMC260LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260 HITTITE-HMC260 Datasheet
180Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC553LC3B HITTITE-HMC553LC3B Datasheet
262Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC773 HITTITE-HMC773 Datasheet
244Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC773LC3B HITTITE-HMC773LC3B Datasheet
218Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC260 HITTITE-HMC260_09 Datasheet
226Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260LC3B HITTITE-HMC260LC3B_09 Datasheet
193Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC553 HITTITE-HMC553_09 Datasheet
218Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553LC3B HITTITE-HMC553LC3B_09 Datasheet
188Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com