Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC305LP4E Datasheet (PDF) - Hittite Microwave Corporation

HMC305LP4E Datasheet PDF - Hittite Microwave Corporation
Part # HMC305LP4E
Download  HMC305LP4E Download
File Size   499.36 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz

HMC305LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC305LP4E Datasheet PDF - Hittite Microwave Corporation

Part # HMC305LP4E
Download  HMC305LP4E Click to download

File Size   499.36 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz

HMC305LP4E Datasheet (HTML) - Hittite Microwave Corporation


HMC305LP4E Product details

General Description
The HMC305LP4 & HMC305LP4E are broadband 5-bit positive control GaAs IC digital attenuators with CMOS compatible serial-to-parallel drivers packaged in leadless QFN 4x4 mm SMT packages. Covering 0.7 to 3.8 GHz, the insertion loss is typically less than 1.5 to 2 dB. The attenuator bit values are 0.5 (LSB), 1, 2, 4, and 8 dB for a total attenuation of 15.5 dB. Attenuation accuracy is excellent at ±0.25 dB typical with an IIP3 of up to +52 dBm. Five bit serial control words are used to select each attenuation state. A single Vcc bias of +3V to +5V applied through an external 5k Ohm resistor is required.

Features
   0.5 dB LSB Steps to 15.5 dB
   CMOS Compatible Serial Data Interface
   SPI Compatible Serial Output
   ±0.3 dB Typical Bit Error
   24 Lead 4x4mm QFN Package: 16mm2
   Included in the HMC-DK004 Designer’s Kit

Typical Applications
The HMC305LP4 / HMC305LP4E is ideal for:
• Cellular/3G Infrastructure
• Fixed Wireless, WiMax & WiBro
• Test Instrumentation




Similar Part No. - HMC305LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC305LP4E HITTITE-HMC305LP4E Datasheet
349Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Similar Description - HMC305LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC603QS16 HITTITE-HMC603QS16 Datasheet
341Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_06 Datasheet
324Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC305LP4 HITTITE-HMC305LP4_09 Datasheet
349Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC305ALP4 HITTITE-HMC305ALP4 Datasheet
980Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_08 Datasheet
235Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC603MS10 HITTITE-HMC603MS10_08 Datasheet
236Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
HMC305LP4 HITTITE-HMC305LP4_10 Datasheet
352Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306AMS10 HITTITE-HMC306AMS10 Datasheet
733Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Analog Devices
HMC306AMS10 AD-HMC306AMS10 Datasheet
301Kb / 4P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com