Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC341LC3B Datasheet (PDF) - Hittite Microwave Corporation

HMC341LC3B Datasheet PDF - Hittite Microwave Corporation
Part # HMC341LC3B
Download  HMC341LC3B Download
File Size   295.76 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz

HMC341LC3B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC341LC3B Datasheet PDF - Hittite Microwave Corporation

Part # HMC341LC3B
Download  HMC341LC3B Click to download

File Size   295.76 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz

HMC341LC3B Datasheet (HTML) - Hittite Microwave Corporation


HMC341LC3B Product details

General Description
The HMC341LC3B is a GaAs PHEMT MMIC Low Noise Amplifi er housed in a leadless RoHS compliant SMT package. Operating from 21 to 29 GHz, the amplifi er provides 13 dB of gain and a noise fi gure of 2.5 dB from a single +3.0 V supply. The RF I/Os are DC blocked and matched to 50 Ohms requiring no external components. The HMC341LC3B eliminates the need for wire bonding, allowing the use of surface mount manufacturing techniques.

Features
   2.5 dB Noise Figure
   13 dB Gain
   +3.0 V @ 35 mA Supply
   50 Ohm Matched Input/Output
   RoHS Compliant 3x3 mm SMT Package

Typical Applications
The HMC341LC3B is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment & Sensors
• Military End-Use




Similar Part No. - HMC341LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B Datasheet
206Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
logo
Analog Devices
HMC341LC3B AD-HMC341LC3B Datasheet
333Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B_09 Datasheet
206Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
More results


Similar Description - HMC341LC3B

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022N1-00 ALPHA-AA022N1-00 Datasheet
118Kb / 2P
21-24 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC566 HITTITE-HMC566 Datasheet
317Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
HMC341LC3B HITTITE-HMC341LC3B_09 Datasheet
206Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
HMC566 HITTITE-HMC566_09 Datasheet
247Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
logo
Analog Devices
HMC341LC3B AD-HMC341LC3B Datasheet
333Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com