Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC342LC4 Datasheet (PDF) - Hittite Microwave Corporation

HMC342LC4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC342LC4
Download  HMC342LC4 Download
File Size   303.22 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz

HMC342LC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC342LC4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC342LC4
Download  HMC342LC4 Click to download

File Size   303.22 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz

HMC342LC4 Datasheet (HTML) - Hittite Microwave Corporation


HMC342LC4 Product details

General Description
The HMC342LC4 is a GaAs PHEMT MMIC Low Noise Amplifier housed in a leadless 4x4 mm RoHS compliant SMT package. Operating from 13 to 25 GHz, the amplifi er provides 22 dB of gain and +19 dBm of output IP3 from a single +3.0V supply. The low noise fi gure performance of 3.5 dB is ideal for recieve and transmit pre-driver applications. The RF I/Os are DC blocked and matched to 50 Ohms for ease of use. The HMC342LC4 allows the use of surface mount manufacturing techniques and requires no external matching components.

Features
   Noise Figure: 3.5 dB
   Gain: 22 dB
   Single Positive Supply: +3.0 V @ 43 mA
   50 Ohm Matched Input/Output
   RoHS Compliant 4x4 mm SMT Package

Typical Applications
The HMC342LC4 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment & Sensors
• Military End-Use




Similar Part No. - HMC342LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC342LC4 HITTITE-HMC342LC4 Datasheet
220Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
logo
Analog Devices
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC342LC4 HITTITE-HMC342LC4_09 Datasheet
220Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
More results


Similar Description - HMC342LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC342 HITTITE-HMC342 Datasheet
187Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342 HITTITE-HMC342_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342 HITTITE-HMC342_10 Datasheet
230Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342LC4 HITTITE-HMC342LC4_09 Datasheet
220Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com