Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT08AFT Datasheet (PDF) - Toshiba Semiconductor

74VHCT08AFT Datasheet PDF - Toshiba Semiconductor
Part # 74VHCT08AFT
Download  74VHCT08AFT Download
File Size   152.81 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHCT08AFT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT08AFT Datasheet PDF - Toshiba Semiconductor

Part # 74VHCT08AFT
Download  74VHCT08AFT Click to download

File Size   152.81 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHCT08AFT Datasheet (HTML) - Toshiba Semiconductor


74VHCT08AFT Product details

Functional Description
• Quad 2-Input AND Gate

General
The 74VHCT08AFT is an advanced high speed CMOS 2-INPUT AND GATE fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS
low power dissipation.
The input voltage are compatible with TTL output voltage.
This device may be used as a level converter for interfacing 3.3 V to 5 V system.
Input protection and output circuit ensure that 0 to 5.5 V can be applied to the input and output (Note) pins
without regard to the supply voltage. These structure prevents device destruction due to mismatched supply and
input/output voltages such as battery back up, hot board insertion, etc.
Note: VCC = 0 V

Features
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125 
(3) High speed: tpd = 5.0 ns (typ.) at VCC = 5.0 V
(4) Low power dissipation: ICC = 2.0 μA (max) at Ta = 25 
(5) Compatible with TTL inputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
(6) Power down protection is provided on all inputs and outputs.
(7) Balanced propagation delays: tPLH ≈ tPHL
(8) Low noise: VOLP = 0.8 V (max)
(9) Pin and function compatible with the 74 series (ACT/HCT/AHCT etc.) 08 type.




Similar Part No. - 74VHCT08AFT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A Datasheet
52Kb / 7P
QUAD 2-INPUT AND GATE
Aug-1999
logo
Fairchild Semiconductor
74VHCT08A FAIRCHILD-74VHCT08A Datasheet
101Kb / 8P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
ON Semiconductor
74VHCT08A ONSEMI-74VHCT08A Datasheet
226Kb / 9P
Quad 2-Input AND Gate
February 2008
logo
STMicroelectronics
74VHCT08AM STMICROELECTRONICS-74VHCT08AM Datasheet
52Kb / 7P
QUAD 2-INPUT AND GATE
Aug-1999
More results


Similar Description - 74VHCT08AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com