Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT126AFT Datasheet (PDF) - Toshiba Semiconductor

74VHCT126AFT Datasheet PDF - Toshiba Semiconductor
Part # 74VHCT126AFT
Download  74VHCT126AFT Download
File Size   177.39 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHCT126AFT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT126AFT Datasheet PDF - Toshiba Semiconductor

Part # 74VHCT126AFT
Download  74VHCT126AFT Click to download

File Size   177.39 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHCT126AFT Datasheet (HTML) - Toshiba Semiconductor


74VHCT126AFT Product details

Functional Description
• Quad Bus Buffer, Non-Inverted 3-State Outputs
74VHCT125AFT:QUAD BUS BUFFER
74VHCT126AFT:QUAD BUS BUFFER

General
The 74VHCT125AFT and 74VHCT126AFT are high speed CMOS QUAD BUS BUFFERs fabricated with silicon
gate C2MOS technology.
They achieve the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS
low power dissipation.
The 74VHCT125AFT requires the 3-state control input G to be set high to place the output into the high impedance
state, whereas the 74VHCT126AFT requires the control input G to be set low to place the output into high
impedance.
The input voltage are compatible with TTL output voltage.
This device may be used as a level converter for interfacing 3.3 V to 5 V system.
Input protection and output circuit ensure that 0 to 5.5 V can be applied to the input and output (Note) pins without
regard to the supply voltage. There structure prevents device destruction due to mismatched supply and input/
output voltages such as battery back up, hot board insertion, etc.
Note: Output in off-state

Features
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125 
(3) High speed: Propagation delay time = 3.8 ns (typ.) at VCC = 5.0 V
(4) Quiescent supply current: ICC = 4.0 μA (max) at Ta = 25 
(5) Compatible with TTL input: VIL = 0.8 V(max)
VIH = 2.0 V(min)
(6) Power down protection is provided on all inputs and outputs.
(7) Balanced propagation delays: tPLH ≈ tPHL
(8) Low noise: VOLP = 0.8 V (max)
(9) Pin and function compatible with the 74 series
(ACT/HCT/AHCT etc.) 125/126 type.




Similar Part No. - 74VHCT126AFT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT126A STMICROELECTRONICS-74VHCT126A Datasheet
60Kb / 8P
QUAD BUS BUFFERS 3-STATE
Mar-2000
74VHCT126AM STMICROELECTRONICS-74VHCT126AM Datasheet
60Kb / 8P
QUAD BUS BUFFERS 3-STATE
Mar-2000
74VHCT126AMTR STMICROELECTRONICS-74VHCT126AMTR Datasheet
60Kb / 8P
QUAD BUS BUFFERS 3-STATE
Mar-2000
74VHCT126ATTR STMICROELECTRONICS-74VHCT126ATTR Datasheet
60Kb / 8P
QUAD BUS BUFFERS 3-STATE
Mar-2000
More results


Similar Description - 74VHCT126AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com