Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4220CZ6 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

IP4220CZ6 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # IP4220CZ6
Download  IP4220CZ6 Download
File Size   1347.46 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capactiance 4-Line TVS Array

IP4220CZ6 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP4220CZ6 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # IP4220CZ6
Download  IP4220CZ6 Click to download

File Size   1347.46 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capactiance 4-Line TVS Array

IP4220CZ6 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


IP4220CZ6 Product details

Features
● Ultra low capacitance: 0.3pF typical (I/O to I/O)
● Ultra low leakage: nA level
● Low operating voltage: 5V
● Low clamping voltage
● Up to 4 data lines and one power line protects
● Complies with following standards:
- IEC 61000-4-2 (ESD) immunity test
Air discharge: +25kV
Contact discharge: +20kV
- IEC61000-4-4 (EFT) 40A (5/50ns)
- IEC61000-4-5 (Lightning):4.7A(8/20μs)
● ROHS Compliant




Similar Part No. - IP4220CZ6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4220CZ6 PHILIPS-IP4220CZ6 Datasheet
128Kb / 6P
Dual USB 2.0 Integrated ESD protection to IEC 61000-4-2 level 4
2005 January 05
IP4220CZ6 PHILIPS-IP4220CZ6 Datasheet
227Kb / 9P
Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
logo
Nexperia B.V. All right...
IP4220CZ6 NEXPERIA-IP4220CZ6 Datasheet
905Kb / 9P
Dual USB 2.0 integrated ESD protection
Rev. 5 - 8 July 2011
logo
Guangdong Youtai Semico...
IP4220CZ6 UMW-IP4220CZ6 Datasheet
725Kb / 4P
Low Capactiance 4-Line TVS Array
logo
NXP Semiconductors
IP4220CZ6125 PHILIPS-IP4220CZ6125 Datasheet
227Kb / 9P
Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
More results


Similar Description - IP4220CZ6

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
SRV05-4 TECHPUBLIC-SRV05-4 Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPAZC199-04S TECHPUBLIC-TPAZC199-04S Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPCM1293A-04SO TECHPUBLIC-TPCM1293A-04SO Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPIP4220CZ6 TECHPUBLIC-TPIP4220CZ6 Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPNUP4114HMR6T1G TECHPUBLIC-TPNUP4114HMR6T1G Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPRCLAMP0504F TECHPUBLIC-TPRCLAMP0504F Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPSRV05-4HTG TECHPUBLIC-TPSRV05-4HTG Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPUSBLC6-4SC6 TECHPUBLIC-TPUSBLC6-4SC6 Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
RCLAMP0504FATCT TECHPUBLIC-RCLAMP0504FATCT Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
logo
Guangdong Youtai Semico...
IP4220CZ6 UMW-IP4220CZ6 Datasheet
725Kb / 4P
Low Capactiance 4-Line TVS Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com