Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM321MFX Datasheet (PDF) - TECH PUBLIC Electronics co LTD

LM321MFX Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # LM321MFX
Download  LM321MFX Download
File Size   3625.02 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description LOW POW ER SINGLE OPERATIONAL AMPLIFIER

LM321MFX Datasheet (PDF)

Go To PDF Page Download Datasheet
LM321MFX Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # LM321MFX
Download  LM321MFX Click to download

File Size   3625.02 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description LOW POW ER SINGLE OPERATIONAL AMPLIFIER

LM321MFX Datasheet (HTML) - TECH PUBLIC Electronics co LTD


LM321MFX Product details

GENERAL DESCRIPTION
These devices consist of two independent, high gain, internally
frequency-compensated operational amplifiers designed operate from a single supply over
a wide range of voltages. Operation from split supplies also is possible if the difference
between the two supplies is 3V to 36V, and VCC is at least 1.5V more positive than the
input common-mode voltage, the low supply-current drain is independent of the magnitude
of the power supply voltage.

Features
- One internally compensated OP amps
- Wide power supply range: 3V to 36V
- Large output voltage swing: 0V to Vcc-1.5V
- Low input bias current
- Low input offset voltage and offset current
- Internally frequency compensated for unity gain
- Short Circuit Protected Outputs
- Input common-mode voltage range includes ground
- SOT-23-5L package




Similar Part No. - LM321MFX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321MFX NSC-LM321MFX Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
Texas Instruments
LM321MFX TI1-LM321MFX Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
logo
TECH PUBLIC Electronics...
LM321MFX-TP TECHPUBLIC-LM321MFX-TP Datasheet
2Mb / 6P
1MHz, Low Power Single Op Amp
logo
Texas Instruments
LM321MFX/NOPB TI1-LM321MFX/NOPB Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
LM321MFX/NOPB TI2-LM321MFX/NOPB Datasheet
682Kb / 22P
LM321 Low Power Single Operational Amplifier
REVISED DECEMBER 2014
More results


Similar Description - LM321MFX

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TS321 TI-TS321 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NE5534 ONSEMI-NE5534 Datasheet
165Kb / 10P
Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
Single Operational Amplifier (Low Noise Operational Amplifier)
TA75S558FTE85LF TOSHIBA-TA75S558FTE85LF Datasheet
182Kb / 5P
Single Low-Noise Operational Amplifier
logo
Texas Instruments
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI1-TS321 Datasheet
1Mb / 21P
Low-Power Single Operational Amplifier
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com