Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPAS179-92LF Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPAS179-92LF Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPAS179-92LF
Download  TPAS179-92LF Download
File Size   3164.06 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description GaAs DC-3 GHz SPDT Switch

TPAS179-92LF Datasheet (PDF)

Go To PDF Page Download Datasheet
TPAS179-92LF Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPAS179-92LF
Download  TPAS179-92LF Click to download

File Size   3164.06 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description GaAs DC-3 GHz SPDT Switch

TPAS179-92LF Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPAS179-92LF Product details

Description
The TPAS179 is a GaAs SPDT switch operating at DC-3 GHz in a low cost SOT-363 plastic lead (Pb) free package. The TPAS179 features low insertion loss with very low DC power consumption. This
communication switch can be used in many wireless digital systems like IEEE 802.11b/g WLAN and Bluetooth for transmit/receive selection or antenna diversity function.

Features
• Low Insertion Loss: 0.4dB @ 2.5GHz
• High Isolation: 30dB @ 2.5GHz
• P-14B: +31dBm Typical @ +3V
• IIP3: 55dBm @ Input Power up to 20dBm
• Good Reliability Performance
• SOT-363 6 Lead Plastic Package
• T/R Switches in 802.11b/g/n WLAN Systems




Similar Part No. - TPAS179-92LF

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAS10-D033E TOTAL-POWER-TPAS10-D033E Datasheet
199Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
TPAS10-D050E TOTAL-POWER-TPAS10-D050E Datasheet
199Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
TPAS10-D050I TOTAL-POWER-TPAS10-D050I Datasheet
199Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
TPAS10-D120I TOTAL-POWER-TPAS10-D120I Datasheet
199Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
TPAS10-D150K TOTAL-POWER-TPAS10-D150K Datasheet
199Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
More results


Similar Description - TPAS179-92LF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW2000 MACOM-MASW2000 Datasheet
109Kb / 2P
GaAs SPDT Switch DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hexawave, Inc
HWS408 HW-HWS408 Datasheet
77Kb / 2P
GaAs DC-3 GHz SPDT Switch
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Hexawave, Inc
HWS429_V3 HW-HWS429_V3_15 Datasheet
76Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com