Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E002DRLR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPD4E002DRLR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPD4E002DRLR-TP
Download  TPD4E002DRLR-TP Download
File Size   2703.87 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low-Capacitance Array with ±15-kV ESD Protection

TPD4E002DRLR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD4E002DRLR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPD4E002DRLR-TP
Download  TPD4E002DRLR-TP Click to download

File Size   2703.87 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low-Capacitance Array with ±15-kV ESD Protection

TPD4E002DRLR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPD4E002DRLR-TP Product details

Features
● Ultra low capacitance: 3.5pF(Max)
● Ultra low leakage: nA level
● Low operating voltage: 5.5V
● Low clamping voltage
● Complies with following standards:
- IEC 61000-4-2 (ESD) immunity test
Air discharge: ±20kV
Contact discharge: ±15kV
- IEC61000-4-4 (EFT) 40A (5/50ns)
● ROHS Compliant




Similar Part No. - TPD4E002DRLR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E002DRLR TI-TPD4E002DRLR Datasheet
237Kb / 8P
QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002DRLR TI-TPD4E002DRLR Datasheet
306Kb / 8P
QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002DRLR TI2-TPD4E002DRLR Datasheet
1Mb / 19P
TPD4E002 Quad Low-Capacitance Array with ±15-kV ESD Protection
REVISED DECEMBER 2016
TPD4E002DRLR.A TI2-TPD4E002DRLR.A Datasheet
1Mb / 19P
TPD4E002 Quad Low-Capacitance Array with ±15-kV ESD Protection
REVISED DECEMBER 2016
TPD4E002DRLR.B TI2-TPD4E002DRLR.B Datasheet
1Mb / 19P
TPD4E002 Quad Low-Capacitance Array with ±15-kV ESD Protection
REVISED DECEMBER 2016
More results


Similar Description - TPD4E002DRLR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E002 TI-TPD4E002 Datasheet
237Kb / 8P
QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002 TI-TPD4E002_10 Datasheet
306Kb / 8P
QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
logo
Texas Instruments
TPD4E002 TI1-TPD4E002_14 Datasheet
614Kb / 12P
QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
logo
TECH PUBLIC Electronics...
DZQA6V8AXV5 TECHPUBLIC-DZQA6V8AXV5 Datasheet
1Mb / 4P
Low-Capacitance Array with ±15-kV ESD Protection
ESDA6V8AV5 TECHPUBLIC-ESDA6V8AV5 Datasheet
1Mb / 4P
Low-Capacitance Array with ±15-kV ESD Protection
NZQA6V8AXV5T1G TECHPUBLIC-NZQA6V8AXV5T1G Datasheet
1Mb / 4P
Low-Capacitance Array with ±15-kV ESD Protection
PESD5V0L4UW TECHPUBLIC-PESD5V0L4UW Datasheet
1Mb / 4P
Low-Capacitance Array with ±15-kV ESD Protection
SP1001-04XTG TECHPUBLIC-SP1001-04XTG Datasheet
1Mb / 4P
Low-Capacitance Array with 15-kV ESD Protection
TPESD4002X5 TECHPUBLIC-TPESD4002X5 Datasheet
1Mb / 5P
Low-Capacitance Array with 15-kV ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com