Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E1U06DBVR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPD4E1U06DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPD4E1U06DBVR-TP
Download  TPD4E1U06DBVR-TP Download
File Size   2553.26 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Quad-Channel High-Speed ESD Protection Device

TPD4E1U06DBVR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD4E1U06DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPD4E1U06DBVR-TP
Download  TPD4E1U06DBVR-TP Click to download

File Size   2553.26 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Quad-Channel High-Speed ESD Protection Device

TPD4E1U06DBVR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPD4E1U06DBVR-TP Product details

Features
● Ultra low capacitance: 0.6pF typical I/O to GND
● Ultra low leakage: nA level
● Low operating voltage: 5.5V
● Uni-directional TVS Diode Array
● Low clamping voltage
● Complies with following standards:
- IEC 61000-4-2 (ESD) immunity test
Air discharge: ±20kV
Contact discharge: ±15kV
● - IEC61000-4-5 (Lightning)3.3A (8/20us)
- IEC61000-4-4 (EFT) 80A (5/50ns)
● ROHS Compliant




Similar Part No. - TPD4E1U06DBVR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E1U06DBVR TI-TPD4E1U06DBVR Datasheet
950Kb / 14P
Quad Channel High Speed ESD Protection Device
TPD4E1U06DBVR TI2-TPD4E1U06DBVR Datasheet
722Kb / 23P
TPD4E1U06 Quad-Channel, High-Speed ESD Protection Device
REVISED APRIL 2017
TPD4E1U06DBVR.B TI2-TPD4E1U06DBVR.B Datasheet
722Kb / 23P
TPD4E1U06 Quad-Channel, High-Speed ESD Protection Device
REVISED APRIL 2017
More results


Similar Description - TPD4E1U06DBVR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
Quad Channel High Speed ESD Protection Device
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
Dual Channel ESD Protection Device
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
Quad Channel High Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com