Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65220DBVR Datasheet (PDF) - TECH PUBLIC Electronics co LTD

SN65220DBVR Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # SN65220DBVR
Download  SN65220DBVR Download
File Size   1025.24 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description USB PORT TRANSIENT SUPPRESSORS

SN65220DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65220DBVR Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # SN65220DBVR
Download  SN65220DBVR Click to download

File Size   1025.24 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description USB PORT TRANSIENT SUPPRESSORS

SN65220DBVR Datasheet (HTML) - TECH PUBLIC Electronics co LTD


SN65220DBVR Product details

Features
● Ultra low capacitance: 35 pF typical
● Ultra low leakage: nA level
● Low operating voltage: 3V Or 5V
● Low clamping voltage
● Complies with following standards:
- IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±20kV
- IEC61000-4-4 (EFT) 40A (5/50ns)
- IEC61000-4-5 (Lightning) :7 A(8/20µs)
● ROHS Compliant




Similar Part No. - SN65220DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65220DBVR TI-SN65220DBVR Datasheet
227Kb / 9P
USB PORT TRANSIENT SUPPRESSORS
SN65220DBVR TI-SN65220DBVR Datasheet
251Kb / 10P
USB PORT TRANSIENT SUPPRESSORS
SN65220DBVR TI-SN65220DBVR Datasheet
415Kb / 12P
USB PORT TRANSIENT SUPPERSSORS
SN65220DBVRG4 TI-SN65220DBVRG4 Datasheet
251Kb / 10P
USB PORT TRANSIENT SUPPRESSORS
SN65220DBVRG4 TI-SN65220DBVRG4 Datasheet
415Kb / 12P
USB PORT TRANSIENT SUPPERSSORS
More results


Similar Description - SN65220DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65220 TI-SN65220 Datasheet
227Kb / 9P
USB PORT TRANSIENT SUPPRESSORS
logo
Microsemi Corporation
1N6461 MICROSEMI-1N6461 Datasheet
63Kb / 2P
TRANSIENT SUPPRESSORS
logo
Texas Instruments
SN65220 TI-SN65220_06 Datasheet
251Kb / 10P
USB PORT TRANSIENT SUPPRESSORS
SN65220-Q1 TI-SN65220-Q1 Datasheet
132Kb / 5P
USB PORT TRANSIENT SUPPRESSORS
SN65220 TI-SN65220_07 Datasheet
415Kb / 12P
USB PORT TRANSIENT SUPPERSSORS
logo
Solid States Devices, I...
ST5KA5.0 SSDI-ST5KA5.0 Datasheet
318Kb / 2P
TRANSIENT SUPPRESSORS
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Digitron Semiconductors
1N6461 DIGITRON-1N6461 Datasheet
193Kb / 3P
TRANSIENT SUPPRESSORS
logo
Solid States Devices, I...
T00027 SSDI-T00027 Datasheet
318Kb / 2P
TRANSIENT SUPPRESSORS
T00027 SSDI-T00027_15 Datasheet
318Kb / 2P
TRANSIENT SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com