Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6220B331MR Datasheet (PDF) - TECH PUBLIC Electronics co LTD

XC6220B331MR Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # XC6220B331MR
Download  XC6220B331MR Download
File Size   3227.58 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 900mA,25uA, Higt PSRR Voltage Regulator

XC6220B331MR Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6220B331MR Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # XC6220B331MR
Download  XC6220B331MR Click to download

File Size   3227.58 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 900mA,25uA, Higt PSRR Voltage Regulator

XC6220B331MR Datasheet (HTML) - TECH PUBLIC Electronics co LTD


XC6220B331MR Product details

General Descri tion
The XC6220B Series are a group of
voltage regulators manufactured by
CMOS technology with high ripple
rejection, ultra-fast transient
and low dropout voltage, which
large output currents even when the
difference of the input-output voltage is
small. Each of the XC6220B
of a high-precision voltage reference,
error correction circuit, and a current
limited output driver. Thus the series
very suitable for the battery-powered
equipments, wireless communication
applications,
industry equipments and so on.

Features
• 25μA Ground Current at no Load
• ±2% Output Accuracy
• 900mA Output Current
• Wide Operating Input Voltage Range: 1.2V to 5.5V
• Dropout Voltage: 0.45V at 800mA/ VOUT 3.3V
• Support Fixed Output Voltage 1.2V, 1.5V, 1.6V, 1.8V,
2.5V, 2.8V, 3.0V, 3.3V ,3.6V
• Stable with Ceramic or Tantalum Capacitor
• Current Limit Protection
Over Temperature Protection
• SOT23-5 Packages




Similar Part No. - XC6220B331MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220B331MR TOREX-XC6220B331MR Datasheet
817Kb / 26P
1A LDO Voltage Regulator with “Green Operation”
ETR0341-015
XC6220B331MR-G TOREX-XC6220B331MR-G Datasheet
817Kb / 26P
1A LDO Voltage Regulator with “Green Operation”
ETR0341-015
More results


Similar Description - XC6220B331MR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPRT9013-33GB TECHPUBLIC-TPRT9013-33GB Datasheet
2Mb / 5P
500mA Higt PSRR Voltage Reaulators
TPRT9193-33GB TECHPUBLIC-TPRT9193-33GB Datasheet
2Mb / 5P
300mA Higt PSRR Voltage Reaulators
TPRT9013 TECHPUBLIC-TPRT9013 Datasheet
2Mb / 5P
500mA Higt PSRR Voltage Reaulators|
TPRT9193 TECHPUBLIC-TPRT9193 Datasheet
2Mb / 5P
300mA Higt PSRR Voltage Reaulators
TPLP5907MFX TECHPUBLIC-TPLP5907MFX Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPS793 TECHPUBLIC-TPS793 Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPS799 TECHPUBLIC-TPS799 Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPSPX5205M5-L-2-5 TECHPUBLIC-TPSPX5205M5-L-2-5 Datasheet
2Mb / 6P
20V Higt PSRR Voltage Reaulator
XC6219B152MR TECHPUBLIC-XC6219B152MR Datasheet
1Mb / 5P
300mA Higt PSRR Voltage Reaulatoil
XC6219B302MR TECHPUBLIC-XC6219B302MR Datasheet
1Mb / 5P
300mA Higt PSRR Voltage Reaulatoil
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com