Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC560LM3 Datasheet (PDF) - Hittite Microwave Corporation

HMC560LM3 Datasheet PDF - Hittite Microwave Corporation
Part # HMC560LM3
Download  HMC560LM3 Download
File Size   330.26 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz

HMC560LM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC560LM3 Datasheet PDF - Hittite Microwave Corporation

Part # HMC560LM3
Download  HMC560LM3 Click to download

File Size   330.26 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz

HMC560LM3 Datasheet (HTML) - Hittite Microwave Corporation


HMC560LM3 Product details

General Description
The HMC560LM3 is a 24 - 40 GHz passive, double-balanced MMIC mixer in a SMT leadless chip carrier package. The mixer is fabricated in a GaAs MESFET process, and can be used as a downconverter or upconverter. The wide operating bandwidth allows this device to be used across multiple radio bands with a common platform. Excellent isolations are provided by on-chip baluns. The HMC560LM3 requires no external components and no DC bias. All data is with the non-hermetic, epoxy sealed LM3 package mounted in a 50 Ohm test f xture. Utilizing the HMC560LM3 eliminates the need for wirebonding, thereby providing a consistent connection interface for the customer, and allowing the use of surface mount manufacturing techniques.

Features
    Wide IF Bandwidth: DC - 17 GHz
    Input IP3: +21 dBm
    High LO/RF Isolation: 35 dB
    Passive Double Balanced Topology
    Leadless RoHS Compliant SMT Package, 25 mm2

Typical Applications
The HMC560LM3 is ideal for:
    • Test Equipment & Sensors
    • Point-to-Point Radios
    • Point-to-Multi-Point Radios
    • Military & Space




Similar Part No. - HMC560LM3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC560LM3 HITTITE-HMC560LM3 Datasheet
229Kb / 8P
GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz
HMC560LM3 HITTITE-HMC560LM3_08 Datasheet
229Kb / 8P
GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz
More results


Similar Description - HMC560LM3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329LC3B HITTITE-HMC329LC3B Datasheet
261Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC560 HITTITE-HMC560 Datasheet
289Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC329LC3B HITTITE-HMC329LC3B_09 Datasheet
188Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC557LC4 HITTITE-HMC557LC4_09 Datasheet
203Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC560 HITTITE-HMC560_09 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
HMC560LM3 HITTITE-HMC560LM3_08 Datasheet
229Kb / 8P
GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com