Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC564 Datasheet (PDF) - Hittite Microwave Corporation

HMC564 Datasheet PDF - Hittite Microwave Corporation
Part # HMC564
Download  HMC564 Download
File Size   296.88 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz

HMC564 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC564 Datasheet PDF - Hittite Microwave Corporation

Part # HMC564
Download  HMC564 Click to download

File Size   296.88 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz

HMC564 Datasheet (HTML) - Hittite Microwave Corporation


HMC564 Product details

General Description
The HMC564 is a high dynamic range GaAs PHEMT MMIC Low Noise Amplifi er (LNA) chip which operates from 7 to 13.5 GHz. The HMC564 features extremely fl at performance characteristics including 17 dB of small signal gain, 1.8 dB of noise fi gure and output IP3 of 24 dBm across the operating band. This selfbiased LNA is ideal for hybrid and MCM assemblies due to its compact size, consistent output power, single +3V supply operation, and DC blocked RF I/O’s. All data is measured with the chip in a 50 Ohm test fi xture connected via two 0.025 mm (1 mil) diameter bondwires of minimal length 0.31 mm (12 mil).

Features
   Noise Figure: 1.8 dB
   Gain: 17 dB
   OIP3: 24 dBm
   Single Supply: +3V @ 51 mA
   50 Ohm Matched Input/Output
   Small Size: 1.96 x 0.98 x 0.10 mm

Typical Applications
The HMC564 is ideal for use as a LNA or driver amplifi er for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Test Equipment and Sensors
• Military & Space




Similar Part No. - HMC564

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC564 HITTITE-HMC564 Datasheet
235Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
logo
Micross Components
HMC564 MICROSS-HMC564 Datasheet
881Kb / 9P
Point-to-Multi-Point Radios
logo
Analog Devices
HMC564 AD-HMC564 Datasheet
699Kb / 7P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC564LC4 HITTITE-HMC564LC4 Datasheet
233Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC564LC4 HITTITE-HMC564LC4 Datasheet
267Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
More results


Similar Description - HMC564

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LP3 HITTITE-HMC441LP3 Datasheet
255Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.5 - 13.5 GHz
HMC516 HITTITE-HMC516 Datasheet
320Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC441LP3 HITTITE-HMC441LP3_09 Datasheet
226Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.5 - 13.5 GHz
HMC516 HITTITE-HMC516_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC564 HITTITE-HMC564_09 Datasheet
235Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com