Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC565 Datasheet (PDF) - Hittite Microwave Corporation

HMC565 Datasheet PDF - Hittite Microwave Corporation
Part # HMC565
Download  HMC565 Download
File Size   313.59 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz

HMC565 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC565 Datasheet PDF - Hittite Microwave Corporation

Part # HMC565
Download  HMC565 Click to download

File Size   313.59 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz

HMC565 Datasheet (HTML) - Hittite Microwave Corporation


HMC565 Product details

General Description
The HMC565 is a high dynamic range GaAs PHEMT MMIC Low Noise Amplifi er (LNA) chip which operates from 6 to 20 GHz. The HMC565 features 22 dB of small signal gain, 2.3 dB of noise fi gure and has a consistent IP3 of 20 dBm across the operating band. This selfbiased LNA is ideal for hybrid and MCM assemblies due to its compact size, widband performance, single +3V supply operation, and DC blocked RF I/O’s. All data is measured with the chip in a 50 Ohm test fi xture connected via two 0.025 mm (1 mil) diameter bondwires of minimal length 0.31 mm (12 mil).

Features
   Noise Figure: 2.3 dB
   Gain: 22 dB
   OIP3: 20 dBm
   Single Supply: +3V @ 53 mA
   50 Ohm Matched Input/Output
   Small size: 2.53 x 0.98 x 0.10 mm

Typical Applications
The HMC565 is ideal for use as a LNA or driver amplifi er for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment and Sensors
• Military & Space




Similar Part No. - HMC565

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC565 MICROSS-HMC565 Datasheet
900Kb / 9P
Point-to-Point Radios
logo
Analog Devices
HMC565 AD-HMC565 Datasheet
649Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC565LC5 HITTITE-HMC565LC5 Datasheet
226Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC565LC5 HITTITE-HMC565LC5 Datasheet
215Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
logo
Analog Devices
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER
More results


Similar Description - HMC565

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC518 HITTITE-HMC518 Datasheet
321Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC460LC5 HITTITE-HMC460LC5 Datasheet
271Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC963LC4 HITTITE-HMC963LC4 Datasheet
1Mb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 26.5 GHz
HMC460 HITTITE-HMC460_10 Datasheet
655Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460LC5 HITTITE-HMC460LC5_10 Datasheet
1,014Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC518 HITTITE-HMC518_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC903 HITTITE-HMC903 Datasheet
991Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 18 GHz
HMC903LP3E HITTITE-HMC903LP3E Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 17 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com