Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C007 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C007 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C007
Download  HMC-C007 Download
File Size   512.77 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description DIVIDE-BY-8 PRESCALER MODULE, 0.5 - 18 GHz

HMC-C007 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C007 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C007
Download  HMC-C007 Click to download

File Size   512.77 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description DIVIDE-BY-8 PRESCALER MODULE, 0.5 - 18 GHz

HMC-C007 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC-C007

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C001 HITTITE-HMC-C001 Datasheet
421Kb / 4P
WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C001 HITTITE-HMC-C001 Datasheet
213Kb / 4P
WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C001 HITTITE-HMC-C001_07 Datasheet
213Kb / 4P
WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C002 HITTITE-HMC-C002 Datasheet
500Kb / 4P
WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
More results


Similar Description - HMC-C007

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CND2050 UMS-CND2050 Datasheet
83Kb / 9P
0.5-11.5 GHz Divide by 4 Static Prescaler
logo
Hittite Microwave Corpo...
HMC-C005 HITTITE-HMC-C005 Datasheet
503Kb / 4P
DIVIDE-BY-2 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C039 HITTITE-HMC-C039 Datasheet
260Kb / 4P
DIVIDE-BY-5 PRESCALER MODULE, 0.5 - 8.0 GHz
HMC-C040 HITTITE-HMC-C040 Datasheet
205Kb / 4P
DIVIDE-BY-10 PRESCALER MODULE, 0.5 - 17.0 GHz
HMC-C039 HITTITE-HMC-C039_07 Datasheet
216Kb / 4P
DIVIDE-BY-5 PRESCALER MODULE, 0.5 - 8.0 GHz
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
Lucky Light Electronic
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
Divide-by-8 Prescaler
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
Divide-by-8 Prescaler
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com