Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G08 Datasheet (PDF) - NXP Semiconductors

74AHC1G08 Datasheet PDF - NXP Semiconductors
Part # 74AHC1G08
Download  74AHC1G08 Download
File Size   80.09 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2-input AND gate

74AHC1G08 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G08 Datasheet PDF - NXP Semiconductors

Part # 74AHC1G08
Download  74AHC1G08 Click to download

File Size   80.09 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2-input AND gate

74AHC1G08 Datasheet (HTML) - NXP Semiconductors


74AHC1G08 Product details

DESCRIPTION

The 74AHC1G/AHCT1G08 is a high-speed Si-gate CMOS device.

The 74AHC1G/AHCT1G08 provides the 2-input AND function.



FEATURES

• Symmetrical output impedance

• High noise immunity

• ESD protection:

– HBM EIA/JESD22-A114-A exceeds 2000 V

– MM EIA/JESD22-A115-A exceeds 200 V

– CDM EIA/JESD22-C101 exceeds 1000 V.

• Low power dissipation

• Balanced propagation delays

• Very small 5-pin package

• Output capability: standard

• Specified from−40 to +125°C.




Similar Part No. - 74AHC1G08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G08 PHILIPS-74AHC1G08 Datasheet
75Kb / 16P
2-input AND gate
2002 Jun 06
74AHC1G08 NXP-74AHC1G08 Datasheet
77Kb / 11P
2-input AND gate
Rev. 06-29 June 2007
logo
Diodes Incorporated
74AHC1G08 DIODES-74AHC1G08 Datasheet
181Kb / 8P
SINGLE 2 INPUT POSITIVE AND GATE
Rev 1
logo
Nexperia B.V. All right...
74AHC1G08 NEXPERIA-74AHC1G08 Datasheet
210Kb / 11P
2-input AND gate
Rev. 8 - 11 January 2022
logo
TECH PUBLIC Electronics...
74AHC1G08 TECHPUBLIC-74AHC1G08 Datasheet
1Mb / 6P
2-INPUT AND GATE
More results


Similar Description - 74AHC1G08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HC1G08 RENESAS-HD74HC1G08 Datasheet
52Kb / 8P
2-input AND Gate
HD74ALVC1G08 RENESAS-HD74ALVC1G08 Datasheet
77Kb / 10P
2-Input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
2-INPUT AND GATE
logo
Unisonic Technologies
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
2-INPUT AND GATE
U74LVC1G08 UTC-U74LVC1G08_V01 Datasheet
194Kb / 5P
2-INPUT AND GATE
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com