Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6884-700 Datasheet (PDF) - Tyco Electronics

6884-700 Datasheet PDF - Tyco Electronics
Part # 6884-700
Download  6884-700 Download
File Size   127.96 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Microwave Amplifier 2.0 to 12.0 GHz

6884-700 Datasheet (PDF)

Go To PDF Page Download Datasheet
6884-700 Datasheet PDF - Tyco Electronics

Part # 6884-700
Download  6884-700 Click to download

File Size   127.96 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Microwave Amplifier 2.0 to 12.0 GHz

6884-700 Datasheet (HTML) - Tyco Electronics


6884-700 Product details

Description
The 6884-700 microwave amplifier is a hybrid design, which utilizes GaAs MMIC technology and thin film manufacturing processes for accurate performance and high reliability.
This amplifier design displays an impressive combination of performance characteristics over a broadband frequency range. The MIC style package is hermetically sealed, and incorporates field replaceable SMA Connectors.

Features
• ULTRAWIDE BANDWIDTH: 1.5 to 16.0 GHz (TYP.)
• HIGH GAIN: 27.0 dB (TYP.)
• POWER OUTPUT: +14.2 dBM (TYP)
• NOISE FIGURE: 2.7 dB (TYP)
• INTERNAL VOLTAGE REGULATION
• FIELD REPLACEABLE SMA RF CONNECTORS




Similar Part No. - 6884-700

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
6884-700 MA-COM-6884-700 Datasheet
75Kb / 2P
Microwave Amplifier 2.0 to 12.0 GHz
More results


Similar Description - 6884-700

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
6884-700 MA-COM-6884-700 Datasheet
75Kb / 2P
Microwave Amplifier 2.0 to 12.0 GHz
logo
Micronetics, Inc.
B24A MICRONETICS-B24A Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
B24H MICRONETICS-B24H Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
B24K MICRONETICS-B24K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
B24V MICRONETICS-B24V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
logo
Teledyne Technologies I...
A2CP12024 TELEDYNE-A2CP12024 Datasheet
104Kb / 1P
6.0 TO 12.0 GHz COUGARPAK??AMPLIFIER
A2CP12026 TELEDYNE-A2CP12026 Datasheet
151Kb / 2P
6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
ACP12013 TELEDYNE-ACP12013 Datasheet
102Kb / 1P
6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
ACP12017 TELEDYNE-ACP12017 Datasheet
146Kb / 2P
6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
ACP12019 TELEDYNE-ACP12019 Datasheet
145Kb / 2P
6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com