Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5-6 Datasheet (PDF) - Tyco Electronics

A5-6 Datasheet PDF - Tyco Electronics
Part # A5-6
Download  A5-6 Download
File Size   365.77 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 600 MHz

A5-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
A5-6 Datasheet PDF - Tyco Electronics

Part # A5-6
Download  A5-6 Click to download

File Size   365.77 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 600 MHz

A5-6 Datasheet (HTML) - Tyco Electronics


A5-6 Product details

Description
The A5-6 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are Hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• FLAT BANDWIDTH: ±.2 dB (TYP.)
• LOW VSWR: 1.3:1 (TYP.)
• WIDE POWER SUPPLY RANGE: +8 to +15 VOLTS




Similar Part No. - A5-6

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A5-6 MA-COM-A5-6 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 600 MHz
A5-6 MA-COM-A5-6 Datasheet
646Kb / 3P
Cascadable Amplifier
A5-6-SMA5-6 MA-COM-A5-6-SMA5-6 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Similar Description - A5-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
5 TO 1200 MHz CASCADABLE AMPLIFIER
A67-1 MACOM-A67-1 Datasheet
100Kb / 1P
10 TO 600 MHz CASCADABLE AMPLIFIER
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
A77-1 MACOM-A77-1 Datasheet
104Kb / 1P
5 TO 600 MHz CASCADABLE AMPLIFIER
A67-1 MACOM-A67-1_1 Datasheet
385Kb / 2P
Cascadable Amplifier 10 to 600 MHz
A77-1 MACOM-A77-1_1 Datasheet
389Kb / 2P
Cascadable Amplifier 5 to 600 MHz
logo
M/A-COM Technology Solu...
SMA5-6 MA-COM-SMA5-6 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 600 MHz
A67-1 MA-COM-A67-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 600 MHz
A67-1 MA-COM-A67-1_15 Datasheet
649Kb / 3P
Cascadable Amplifier 10 to 600 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com