Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A36-2 Datasheet (PDF) - Tyco Electronics

A36-2 Datasheet PDF - Tyco Electronics
Part # A36-2
Download  A36-2 Download
File Size   372.94 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 100 to 2600 MHz

A36-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
A36-2 Datasheet PDF - Tyco Electronics

Part # A36-2
Download  A36-2 Click to download

File Size   372.94 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 100 to 2600 MHz

A36-2 Datasheet (HTML) - Tyco Electronics


A36-2 Product details

Description
The A36-2 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
• AVAILABLE IN SURFACE MOUNT
• ULTRA-WIDE BANDWIDTH 100-2600 MHz
• HIGH GAIN-TWO STAGES 15 dB (TYP.)
• MEDIUM OUTPUT LEVEL +14 dBm, 2000-2600 MHz (TYP.)




Similar Part No. - A36-2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A36-2 MA-COM-A36-2 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2600 MHz
A36-2 MA-COM-A36-2 Datasheet
635Kb / 3P
Cascadable Amplifier 10 to 2600 MHz
A36-2-SMA36-2 MA-COM-A36-2-SMA36-2 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Similar Description - A36-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
PA38-2 MACOM-PA38-2 Datasheet
104Kb / 1P
200 TO 2600 MHz CASCADABLE AMPLIFIER
A34 MACOM-A34_1 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A57 MACOM-A57_1 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 500 MHz
logo
M/A-COM Technology Solu...
SMA36-2 MA-COM-SMA36-2 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2600 MHz
SMPA38-2 MA-COM-SMPA38-2 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2600 MHz
A43 MA-COM-A43 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 3200 MHz
A89 MA-COM-A89 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 800 MHz
A36-2 MA-COM-A36-2 Datasheet
635Kb / 3P
Cascadable Amplifier 10 to 2600 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com