Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJOMD Datasheet (PDF) - Vishay Siliconix

VJOMD Datasheet PDF - Vishay Siliconix
Part # VJOMD
Download  VJOMD Download
File Size   206.52 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications

VJOMD Datasheet (PDF)

Go To PDF Page Download Datasheet
VJOMD Datasheet PDF - Vishay Siliconix

Part # VJOMD
Download  VJOMD Click to download

File Size   206.52 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications

VJOMD Datasheet (HTML) - Vishay Siliconix


VJOMD Product details

FEATURES
• Open Mode Design (OMD) reduces risk of shorts or leakage in board flex applications
• Excellent reliability and thermal shock performance
• Efficient low-power consumption, ripple
current capable to 1.2 ARMS at 100 kHz
• High voltage breakdown compared to
standard design
• 100 % voltage conditioning available up to
630 VDC rating (process code “5H”) Contact mlcc@vishay.com for higher voltages
• Polymer termination available for intensive board flex requirements
• Wet build process
• Reliable Noble Metal Electrode (NME) system
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - VJOMD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
31-Jan-17
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
28-Oct-08
More results


Similar Description - VJOMD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
22-Jul-13
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
31-Jan-17
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
31-Jan-17
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
09-Nov-2022
GAEDGESDMLCC VISHAY-GAEDGESDMLCC Datasheet
138Kb / 13P
Surface Mount Multilayer Ceramic Chip Capacitors for Electro Static Discharge (ESD) Sensitive Automotive Applications
16-Dec-2020
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
03-Nov-2022
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
25-Mar-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com