Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJW1BCESR Datasheet (PDF) - Vishay Siliconix

VJW1BCESR Datasheet PDF - Vishay Siliconix
Part # VJW1BCESR
Download  VJW1BCESR Download
File Size   132.69 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Multilayer Ceramic Chip Capacitors for Ultra High Q Commodity Applications

VJW1BCESR Datasheet (PDF)

Go To PDF Page Download Datasheet
VJW1BCESR Datasheet PDF - Vishay Siliconix

Part # VJW1BCESR
Download  VJW1BCESR Click to download

File Size   132.69 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Multilayer Ceramic Chip Capacitors for Ultra High Q Commodity Applications

VJW1BCESR Datasheet (HTML) - Vishay Siliconix


VJW1BCESR Product details

FEATURES
• Ultra stable class 1 dielectric
• Ultra high Q and low ESR at high frequency
• Four standard sizes
• High SRF characteristic
• Ultra low capacitance to 0.1 pF
• High precision capacitance tolerance ± 0.05 pF
• Supplied in tape on reel
• Ni-barrier with 100 % tin terminations
• Dry sheet manufacturing technology
• Base Metal Electrode system (BME)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VJW1BCESR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJW1BC VISHAY-VJW1BC Datasheet
163Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
01-Jul-16
VJW1BC VISHAY-VJW1BC Datasheet
151Kb / 13P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
15-Dec-2022
VJW1BC0201 VISHAY-VJW1BC0201 Datasheet
97Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for Ultra Small Commodity Applications
16-Aug-2021
VJW1BC VISHAY-VJW1BC_V01 Datasheet
151Kb / 13P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
15-Dec-2022
More results


Similar Description - VJW1BCESR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A103GXJTW1BC VISHAY-VJ0805A103GXJTW1BC Datasheet
199Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
27-Mar-13
VJ1206Y102KXACW1BC VISHAY-VJ1206Y102KXACW1BC Datasheet
199Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
27-Mar-13
VJ0402G104KXQCW1BC VISHAY-VJ0402G104KXQCW1BC Datasheet
220Kb / 16P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
27-Mar-13
VJ0805A101JXACW1BC VISHAY-VJ0805A101JXACW1BC Datasheet
199Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
27-Mar-13
VJ0805Y105KXJTW1BC VISHAY-VJ0805Y105KXJTW1BC Datasheet
199Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
27-Mar-13
VJ0805Y105KXQTW1BC VISHAY-VJ0805Y105KXQTW1BC Datasheet
188Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
15-Jan-14
VJ1206Y104KXACW1BC VISHAY-VJ1206Y104KXACW1BC Datasheet
188Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
15-Jan-14
VJW1BC VISHAY-VJW1BC Datasheet
163Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
01-Jul-16
VJW1BC0201 VISHAY-VJW1BC0201 Datasheet
97Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for Ultra Small Commodity Applications
16-Aug-2021
VJW1BC VISHAY-VJW1BC_V01 Datasheet
151Kb / 13P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
15-Dec-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com