Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A81-3 Datasheet (PDF) - Tyco Electronics

A81-3 Datasheet PDF - Tyco Electronics
Part # A81-3
Download  A81-3 Download
File Size   357.06 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 20 to 500 MHz

A81-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
A81-3 Datasheet PDF - Tyco Electronics

Part # A81-3
Download  A81-3 Click to download

File Size   357.06 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 20 to 500 MHz

A81-3 Datasheet (HTML) - Tyco Electronics


A81-3 Product details

Description
The A81-3 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
The 2 stage silicon bipolar feedback amplifier design displays impressive performance over a broadband frequency range. An isolation transformer is used in the feedback loop, with the benefit of high reverse isolation.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• HIGH REVERSE ISOLATION >35 dBm (TYP.)
• EXCEPTIONAL OUTPUT VSWR 1.1:1 (TYP.)
• LOW NOISE 3.6 dB (TYP.)
• MEDIUM OUTPUT LEVEL +8.0 dBm (TYP.)




Similar Part No. - A81-3

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A81-3 MA-COM-A81-3 Datasheet
1Mb / 2P
Cascadable Amplifier
A81-3 MA-COM-A81-3 Datasheet
634Kb / 3P
Cascadable Amplifier 20 to 500 MHz
A81-3-SMA81-3 MA-COM-A81-3-SMA81-3 Datasheet
1Mb / 2P
Cascadable Amplifier
A81-3 MA-COM-A81-3_15 Datasheet
634Kb / 3P
Cascadable Amplifier 20 to 500 MHz
More results


Similar Description - A81-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
A81-2 MACOM-A81-2 Datasheet
100Kb / 1P
20 TO 500 MHz CASCADABLE AMPLIFIER
A80 MACOM-A80 Datasheet
356Kb / 2P
Cascadable Amplifier 20 to 500 MHz
A57 MACOM-A57_1 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 500 MHz
A81-2 MACOM-A81-2_1 Datasheet
383Kb / 2P
Cascadable Amplifier 20 to 500 MHz
AL7 MACOM-AL7 Datasheet
422Kb / 2P
Cascadable Amplifier 50 to 500 MHz
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A80 MA-COM-A80_15 Datasheet
635Kb / 3P
Cascadable Amplifier 20 to 500 MHz
A81-3 MA-COM-A81-3_15 Datasheet
634Kb / 3P
Cascadable Amplifier 20 to 500 MHz
logo
Teledyne Technologies I...
UTOUTC0546 TELEDYNE-UTOUTC0546 Datasheet
171Kb / 6P
Thin-Film Cascadable Amplifier 20 to 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com