Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R58 Datasheet (PDF) - Kemet Corporation

R58 Datasheet PDF - Kemet Corporation
Part # R58
Download  R58 Download
File Size   627.25 Kbytes
Page   21 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description R58, Class X1, THB Grade IIIB, 600 VAC, 110°C (Automotive Grade)

R58 Datasheet (PDF)

Go To PDF Page Download Datasheet
R58 Datasheet PDF - Kemet Corporation

Part # R58
Download  R58 Click to download

File Size   627.25 Kbytes
Page   21 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description R58, Class X1, THB Grade IIIB, 600 VAC, 110°C (Automotive Grade)

R58 Datasheet (HTML) - Kemet Corporation


R58 Product details

Applications
For worldwide use in electromagnetic interference (EMI)
suppression in across-the-line applications that require X1
safety classification. Typical applications include Industrial,
Solar inverter output EMI filtering and Automotive HV DC
bus filtering.

Benefits
• Approvals: ENEC, UL, cUL (in progress)
• Class X1 (IEC 60384-14)
• THB Grade IIIB: 85°C, 85% RH, 1,000 hours at 600 VAC acc.
to IEC 60384-14
• THB Grade IIIB: 85°C, 85% RH, 1,000 hours at 1,200 VDC acc.
to IEC 60384-14
• Low Halogen Content according to JS709C
• Rated AC voltage: 600 VAC 50/60 Hz
• Rated DC voltage: 1,200 VDC
• Capacitance range: 0.01 – 8.2 μF
• Lead spacing: 15.0 – 52.5 mm
• Capacitance tolerance: ±20%, ±10%
• Climatic category 40/110/56, IEC 60068-1
• Tape and reel in accordance with IEC 60286-2
• RoHS compliant and lead-free terminations
• Operating temperature range of −40°C to +110°C
• 100% screening factory test at 3,000 VDC
• Self-healing properties
• Automotive (AEC–Q200) grade




Similar Part No. - R58

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
R58 SUMIDA-R58 Datasheet
143Kb / 2P
Power Inductor
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
Circuit Breakers
R58-10A NTE-R58-10A Datasheet
496Kb / 1P
Circuit Breakers
R58-12A NTE-R58-12A Datasheet
496Kb / 1P
Circuit Breakers
R58-15A NTE-R58-15A Datasheet
496Kb / 1P
Circuit Breakers
More results


Similar Description - R58

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS2123S IRF-AUIRS2123S Datasheet
324Kb / 18P
Automotive Grade
logo
List of Unclassifed Man...
AUIRF1324 ETC2-AUIRF1324 Datasheet
438Kb / 11P
AUTOMOTIVE GRADE
logo
Vishay Siliconix
AY2 VISHAY-AY2 Datasheet
365Kb / 13P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
06-Oct-16
logo
Kemet Corporation
R475I21000001M KEMET-R475I21000001M_16 Datasheet
1Mb / 14P
R47 Series, Class X2, 520 VAC (Automotive Grade)
R533I347000P0M KEMET-R533I347000P0M Datasheet
1Mb / 17P
R53 (Miniature), THB Grade IIIB, Class X2, 310 VAC, 110째C (Automotive Grade)
logo
Vishay Siliconix
F340X2 VISHAY-F340X2 Datasheet
181Kb / 12P
THB Grade IIIB Class X2 Interference Suppression Film Capacitor Radial MKP 305 VAC - Across the Line
11-Oct-2019
F340X1 VISHAY-F340X1 Datasheet
170Kb / 13P
THB Grade IIIB Class X1 Interference Suppression Film Capacitor Radial MKP 480 VAC - Three Phase Across the Line
12-May-2021
F339X2 VISHAY-F339X2 Datasheet
178Kb / 14P
THB Grade IIB Class X2 Interference Suppression Film Capacitor Radial MKP 305 VAC - Across the Line
14-Aug-2019
logo
Kemet Corporation
R41BI233000T0MV106 KEMET-R41BI233000T0MV106 Datasheet
1Mb / 21P
R41B, THB GradeIIIB, Class X1/Y2, 350 VAC, 125°C
12/3/2021
R53BI31000000MC-SPEC KEMET-R53BI31000000MC-SPEC Datasheet
1Mb / 20P
R53B, THB Grade IIIB, Class X2, 350 VAC, 125°C (Automotive Grade)
1/11/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com