Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5248BRM50 Datasheet (PDF) - Analog Devices

AD5248BRM50 Datasheet PDF - Analog Devices
Part # AD5248BRM50
Download  AD5248BRM50 Download
File Size   1012.67 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 256-Position I2C Compatible Digital Potentiometer

AD5248BRM50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5248BRM50 Datasheet PDF - Analog Devices

Part # AD5248BRM50
Download  AD5248BRM50 Click to download

File Size   1012.67 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 256-Position I2C Compatible Digital Potentiometer

AD5248BRM50 Datasheet (HTML) - Analog Devices


AD5248BRM50 Product details

GENERAL DESCRIPTION
The AD5243 and AD5248 provide a compact 3 mm × 4.9 mm packaged solution for dual, 256-position adjustment applications. The AD5243 performs the same electronic adjustment function as a 3-terminal mechanical potentiometer, and the AD5248 performs the same adjustment function as a 2-terminal variable resistor.

FEATURES
    2-channel, 256-position potentiometers
    End-to-end resistance: 2.5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ
    Compact 10-lead MSOP (3 mm × 4.9 mm) package
    Fast settling time: tS = 5 µs typical on power-up
    Full read/write of wiper register
    Power-on preset to midscale
    Extra package address decode pins: AD0 and AD1 (AD5248 only)
    Computer software replaces microcontroller in factory programming applications
    Single supply: 2.7 V to 5.5 V
    Low temperature coefficient: 35 ppm/°C
    Low power: IDD = 6 µA maximum
    Wide operating temperature: −40°C to +125°C
    Evaluation board available
   
APPLICATIONS
    Systems calibrations
    Electronics level settings
    Mechanical trimmers replacement in new designs
    Permanent factory PCB setting
    Transducer adjustment of pressure, temperature, position, chemical, and optical sensors
    RF amplifier biasing
    Automotive electronics adjustment
    Gain control and offset adjustment




Similar Part No. - AD5248BRM50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5248BRM50 AD-AD5248BRM50 Datasheet
803Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5248BRM50-RL7 AD-AD5248BRM50-RL7 Datasheet
803Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
More results


Similar Description - AD5248BRM50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5245 AD-AD5245 Datasheet
995Kb / 16P
256-Position I2C Compatible Digital Potentiometer
AD5259 AD-AD5259 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com