Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDSR0750 Datasheet (PDF) - Vishay Siliconix

TDSR0750 Datasheet PDF - Vishay Siliconix
Part # TDSR0750
Download  TDSR0750 Download
File Size   100.33 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity Red Low Current 7-Segment Display

TDSR0750 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDSR0750 Datasheet PDF - Vishay Siliconix

Part # TDSR0750
Download  TDSR0750 Click to download

File Size   100.33 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity Red Low Current 7-Segment Display

TDSR0750 Datasheet (HTML) - Vishay Siliconix


TDSR0750 Product details

DESCRIPTION
This series defines a new standard for low current displays.
It is a single digit 7-segment LED display utilizing AllnGaP
technology in color red.
The supreme light intensity allows applications under direct
sunlight or “black front” designs by using tinted filter glass
in front of the display.
Typical 1500 μcd at 1 mA is best in class performance for
applications with very limited power supply. The maximum
forward current of 10 mA is allowed for an ambient
temperature range of -40 °C to +85 °C without current
derating.
Due to the design of 7 mm displays, a certain amount of
cross-talk between segments is unavoidable. This light
leakage becomes more noticeable as the brightness of
the operated segments increases. However, higher
environmental illumination, or a partially transparent cover,
may reduce this effect. Therefore, it's important to consider
this phenomenon during design-in and to validate suitability
for the particular application and all its operation modes.

FEATURES
• 1500 μcd typical at 1 mA
• Very low power consumption
• Wide viewing angle
• Grey package surface
• Light intensity categorized at IF = 1 mA
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912




Similar Part No. - TDSR0750

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSR0750 VISHAY-TDSR0750 Datasheet
106Kb / 5P
High Intensity Red Low Current Seven Segment Display
08-Oct-09
TDSR0750 VISHAY-TDSR0750 Datasheet
101Kb / 5P
High Intensity Red Low Current 7-Segment Display
15-Nov-2021
TDSR0750-HI VISHAY-TDSR0750-HI Datasheet
106Kb / 5P
High Intensity Red Low Current Seven Segment Display
08-Oct-09
More results


Similar Description - TDSR0750

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSR0750 VISHAY-TDSR0750 Datasheet
106Kb / 5P
High Intensity Red Low Current Seven Segment Display
08-Oct-09
TDSR1050 VISHAY-TDSR1050 Datasheet
98Kb / 5P
High Intensity Red Low Current Seven Segment Display
10-Feb-10
TDSR1050 VISHAY-TDSR1050_14 Datasheet
94Kb / 5P
High Intensity Red Low Current 7-Segment Display
11-Dec-14
TDSL11 VISHAY-TDSL11_V01 Datasheet
152Kb / 9P
Low Current 7 mm 7-Segment Display
17-Apr-13
TDSR1350 VISHAY-TDSR1350_V01 Datasheet
94Kb / 5P
High Intensity Red Low Current 7-Segment Display
15-Nov-2021
TDSR0760 VISHAY-TDSR0760_V01 Datasheet
101Kb / 5P
High Intensity Red Low Current 7-Segment Display
15-Nov-2021
TDSR1060 VISHAY-TDSR1060_V01 Datasheet
95Kb / 5P
High Intensity Red Low Current 7-Segment Display
15-Nov-2021
TDSR1060 VISHAY-TDSR1060_V02 Datasheet
94Kb / 5P
High Intensity Red Low Current 7-Segment Display
15-Nov-2021
TDSR1350 VISHAY-TDSR1350_V02 Datasheet
94Kb / 5P
High Intensity Red Low Current 7-Segment Display
15-Nov-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com