Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDMR10.0 Datasheet (PDF) - Vishay Siliconix

VDMR10.0 Datasheet PDF - Vishay Siliconix
Part # VDMR10.0
Download  VDMR10.0 Download
File Size   282.63 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard 7-Segment SMD Display 10 mm

VDMR10.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
VDMR10.0 Datasheet PDF - Vishay Siliconix

Part # VDMR10.0
Download  VDMR10.0 Click to download

File Size   282.63 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard 7-Segment SMD Display 10 mm

VDMR10.0 Datasheet (HTML) - Vishay Siliconix


VDMR10.0 Product details

DESCRIPTION
The VDM.10.0 series are 10 mm SMD seven segment LED
displays in a very compact package.
The devices utilize AlInGaP on GaAs chip technology.

FEATURES
• Evenly lighted segments
• Grey package surface
• Untinted segments
• Luminous intensity categorized
• Yellow, green, and soft orange categorized for
color
• Wide viewing angle
• Suitable for DC and high peak current
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VDMR10.0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDMR10.0 VISHAY-VDMR10.0 Datasheet
284Kb / 8P
Standard 7-Segment SMD Display 10 mm
29-Nov-13
VDMR10.0 VISHAY-VDMR10.0 Datasheet
283Kb / 8P
Standard 7-Segment SMD Display 10 mm
29-Nov-13
More results


Similar Description - VDMR10.0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
Standard 7- Segment Display 7 mm
31-Aug-04
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
Standard 7-Segment Display 10 mm
23-May-11
VDMR10A1 VISHAY-VDMR10A1 Datasheet
232Kb / 8P
Standard 7-Segment SMD Display 10 mm
13-May-13
VDMR10.0 VISHAY-VDMR10.0 Datasheet
284Kb / 8P
Standard 7-Segment SMD Display 10 mm
29-Nov-13
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
Standard 7-Segment Display 10 mm
06-Dec-2021
VDMG10.0 VISHAY-VDMG10.0_V01 Datasheet
283Kb / 8P
Standard 7-Segment SMD Display 10 mm
29-Nov-13
VDMG10A1 VISHAY-VDMG10A1_V01 Datasheet
266Kb / 8P
Standard 7-Segment SMD Display 10 mm
14-Sep-2021
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
Standard 7-Segment Display 10 mm
06-Dec-2021
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
Standard 7-Segment Display 10 mm
06-Dec-2021
VDMR10A1 VISHAY-VDMR10A1_V02 Datasheet
265Kb / 8P
Standard 7-Segment SMD Display 10 mm
14-Sep-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com