Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74404086221 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

74404086221 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 74404086221
Download  74404086221 Download
File Size   711.41 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-LQS SMT Semi-Shielded Power Inductor

74404086221 Datasheet (PDF)

Go To PDF Page Download Datasheet
74404086221 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74404086221
Download  74404086221 Click to download

File Size   711.41 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-LQS SMT Semi-Shielded Power Inductor

74404086221 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


74404086221 Product details

General Information:
Ambient Temperature (referring
to IR) -40 up to +85 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 74404086221

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74404086222 WURTH-74404086222 Datasheet
530Kb / 6P
WE-LQS SMD Power Inductor
More results


Similar Description - 74404086221

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744040240016 WURTH-744040240016 Datasheet
648Kb / 6P
WE-LQS SMT Semi-Shielded Power Inductor
003.001
74404024470 WURTH-74404024470 Datasheet
648Kb / 6P
WE-LQS SMT Semi-Shielded Power Inductor
003.001
74404024680 WURTH-74404024680 Datasheet
648Kb / 6P
WE-LQS SMT Semi-Shielded Power Inductor
002.001
74404032101 WURTH-74404032101 Datasheet
684Kb / 6P
WE-LQS SMT Semi-Shielded Power Inductor
002.000
74404032680 WURTH-74404032680 Datasheet
506Kb / 6P
WE-LQS SMT Semi-Shielded Power Inductor
001.004
74404052075 WURTH-74404052075 Datasheet
512Kb / 6P
WE-LQS SMT Semi-Shielded Power Inductor
001.003
74404052150 WURTH-74404052150 Datasheet
513Kb / 6P
WE-LQS SMT Semi-Shielded Power Inductor
001.003
74404052560 WURTH-74404052560 Datasheet
671Kb / 6P
WE-LQS SMT Semi-Shielded Power Inductor
002.000
74404084560 WURTH-74404084560 Datasheet
658Kb / 6P
WE-LQS SMT Semi-Shielded Power Inductor
001.002
744040420033 WURTH-744040420033 Datasheet
510Kb / 6P
WE-LQS SMT Semi-Shielded Power Inductor
001.004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com