Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGD8156A Datasheet (PDF) - Alpha & Omega Semiconductors

AGD8156A Datasheet PDF - Alpha & Omega Semiconductors
Part # AGD8156A
Download  AGD8156A Download
File Size   957.69 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High Voltage 3-Phase Gate Driver IC

AGD8156A Datasheet (PDF)

Go To PDF Page Download Datasheet
AGD8156A Datasheet PDF - Alpha & Omega Semiconductors

Part # AGD8156A
Download  AGD8156A Click to download

File Size   957.69 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High Voltage 3-Phase Gate Driver IC

AGD8156A Datasheet (HTML) - Alpha & Omega Semiconductors


AGD8156A Product details

General Description
The AGD8156A / AGD8256A are 600V 6-channel gate drivers ICs to control IGBTs and power MOS-transistors in 3-phase inverter systems. Due to specially designed common mode filter, it has an excellent ruggedness on transient voltage variation.

Features
 Maximum blocking voltage +600V
 Output current: +200mA / -350mA (Typ.)
 Matched propagation delay for all channels
 Shoot-through (cross-conduction) protection
 Under-voltage lockout protection (UVLO)
 Over-current protection (OCP)
 Fault output corresponding to UV (Vcc supply) and OCP
 Shut-down of all channels during fault conditions
 Adjustable fault output duration time
 3.3V / 5V CMOS and TTL inputs logic compatible
 Input logic: Schmitt trigger receiver circuit (Active high)

Applications
 3-phase motor drives
 Home appliances
 IGBT and power MOS gate driver for general purpose




Similar Part No. - AGD8156A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
More results


Similar Description - AGD8156A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2336D IRF-IRS2336D Datasheet
940Kb / 45P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
IRS26310DJPBF IRF-IRS26310DJPBF Datasheet
1Mb / 41P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC WITH DC BUS
IRS2336 IRF-IRS2336 Datasheet
907Kb / 47P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
IRS2336 IRF-IRS2336_15 Datasheet
996Kb / 49P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Princeton Technology Co...
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
3-Phase 600V Gate Driver IC
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
High Voltage 3-Phase Gate Driver
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
High voltage gate driver IC
Revision 1.0, 2013-07-26
logo
Alpha & Omega Semicondu...
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com