Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGD8252B2 Datasheet (PDF) - Alpha & Omega Semiconductors

AGD8252B2 Datasheet PDF - Alpha & Omega Semiconductors
Part # AGD8252B2
Download  AGD8252B2 Download
File Size   516.87 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High Voltage Half-Bridge Gate Driver IC

AGD8252B2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AGD8252B2 Datasheet PDF - Alpha & Omega Semiconductors

Part # AGD8252B2
Download  AGD8252B2 Click to download

File Size   516.87 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High Voltage Half-Bridge Gate Driver IC

AGD8252B2 Datasheet (HTML) - Alpha & Omega Semiconductors


AGD8252B2 Product details

General Description
The AGD8252B1 / AGD8252B2 are 600V half-bridge gate driver ICs to control IGBTs and power MOS-transistors in full-bridge and 3-phase inverter systems. Due to specially designed common mode filter, it has an excellent ruggedness on transient voltage variation.

Features
 Maximum blocking voltage +600V
 Output current: +200mA / -350mA (Typ.)
 Matched propagation delay for both channels
 Shoot-through (cross-conduction) protection
 Under-voltage lockout protection (UVLO)
 3.3V / 5V CMOS and TTL inputs logic compatible
 Input logic: Schmitt trigger receiver circuit (Active high)

Applications
 Motor drives
 Home appliances
 IGBT and power MOS gate drivers for general purpose




Similar Part No. - AGD8252B2

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AGD8256A AOSMD-AGD8256A Datasheet
957Kb / 14P
High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
More results


Similar Description - AGD8252B2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2214SS IRF-IR2214SS Datasheet
308Kb / 28P
HALF-BRIDGE GATE DRIVER IC
IR2114SS IRF-IR2114SS Datasheet
1Mb / 21P
HALF-BRIDGE GATE DRIVER IC
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
High Voltage IC Half Bridge Gate Driver
July 1998
logo
International Rectifier
IR2114SSPBF IRF-IR2114SSPBF Datasheet
666Kb / 33P
HALF-BRIDGE GATE DRIVER IC
IR21141SSPBF IRF-IR21141SSPBF_09 Datasheet
721Kb / 34P
HALF-BRIDGE GATE DRIVER IC
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
HALF-BRIDGE GATE DRIVER IC
IR2214SSTRPBF IRF-IR2214SSTRPBF Datasheet
715Kb / 33P
HALF-BRIDGE GATE DRIVER IC
IR2114SSPBF IRF-IR2114SSPBF_15 Datasheet
715Kb / 33P
HALF-BRIDGE GATE DRIVER IC
logo
ON Semiconductor
FAN73912 ONSEMI-FAN73912 Datasheet
3Mb / 22P
High-Current, Half-Bridge, Gate-Driver IC
December 2016- Rev. 1
logo
Infineon Technologies A...
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com