Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOVN224 Datasheet (PDF) - Belden Inc.

GOVN224 Datasheet PDF - Belden Inc.
Part # GOVN224
Download  GOVN224 Download
File Size   147.94 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 24f MM OM2.

GOVN224 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOVN224 Datasheet PDF - Belden Inc.

Part # GOVN224
Download  GOVN224 Click to download

File Size   147.94 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 24f MM OM2.

GOVN224 Datasheet (HTML) - Belden Inc.


GOVN224 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns (improved rodent protection and high tensile strength) as strength member
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by glass yarns. Existing out of 1 Tube with a diameter of 3.3mm with
24 fibers MM OM2.




Similar Part No. - GOVN224

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOVN202 BELDEN-GOVN202 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 2f MM OM2.
2023 Belden, Inc
GOVN204 BELDEN-GOVN204 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f MM OM2.
2023 Belden, Inc
GOVN204.002100 BELDEN-GOVN204.002100 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f MM OM2.
2023 Belden, Inc
GOVN206 BELDEN-GOVN206 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 6f MM OM2.
2023 Belden, Inc
GOVN208 BELDEN-GOVN208 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 8f MM OM2.
2023 Belden, Inc
More results


Similar Description - GOVN224

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOSN224 BELDEN-GOSN224 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 24f MM OM2.
2023 Belden, Inc
GOVN202 BELDEN-GOVN202 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 2f MM OM2.
2023 Belden, Inc
GOVN204 BELDEN-GOVN204 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f MM OM2.
2023 Belden, Inc
GOVN206 BELDEN-GOVN206 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 6f MM OM2.
2023 Belden, Inc
GOVN208 BELDEN-GOVN208 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 8f MM OM2.
2023 Belden, Inc
GOVN212 BELDEN-GOVN212 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
GOVN216 BELDEN-GOVN216 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 16f MM OM2.
2023 Belden, Inc
GOVND24 BELDEN-GOVND24 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GOVNE24 BELDEN-GOVNE24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 24f MM OM4.
2023 Belden, Inc
GOWN224 BELDEN-GOWN224 Datasheet
140Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWA PE with 1 Tube of Ø3.3mm 24f MM OM2.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com