Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOVN804 Datasheet (PDF) - Belden Inc.

GOVN804 Datasheet PDF - Belden Inc.
Part # GOVN804
Download  GOVN804 Download
File Size   149.22 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.652.D & G.657.A1.

GOVN804 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOVN804 Datasheet PDF - Belden Inc.

Part # GOVN804
Download  GOVN804 Click to download

File Size   149.22 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.652.D & G.657.A1.

GOVN804 Datasheet (HTML) - Belden Inc.


GOVN804 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns (improved rodent protection and high tensile strength) as strength member
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by glass yarns. Existing out of 1 Tube with a diameter of 3.3mm with
4 fibers SM OS2 G.652.D & G.657.A1.




Similar Part No. - GOVN804

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOVN802 BELDEN-GOVN802 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOVN806 BELDEN-GOVN806 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 6f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOVN808 BELDEN-GOVN808 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 8f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
More results


Similar Description - GOVN804

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOEN804 BELDEN-GOEN804 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 4f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOHN804 BELDEN-GOHN804 Datasheet
157Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWB PE with 1 Tube of Ø3.3mm 4f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GORN804 BELDEN-GORN804 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOVN802 BELDEN-GOVN802 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOVN806 BELDEN-GOVN806 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 6f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOVN808 BELDEN-GOVN808 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 8f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOVN812 BELDEN-GOVN812 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 12f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOVN816 BELDEN-GOVN816 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 16f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOVN824 BELDEN-GOVN824 Datasheet
150Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 24f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOWN804 BELDEN-GOWN804 Datasheet
155Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWA PE with 1 Tube of Ø3.3mm 4f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com