Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOVNE04 Datasheet (PDF) - Belden Inc.

GOVNE04 Datasheet PDF - Belden Inc.
Part # GOVNE04
Download  GOVNE04 Download
File Size   147.02 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f MM OM4.

GOVNE04 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOVNE04 Datasheet PDF - Belden Inc.

Part # GOVNE04
Download  GOVNE04 Click to download

File Size   147.02 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f MM OM4.

GOVNE04 Datasheet (HTML) - Belden Inc.


GOVNE04 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns (improved rodent protection and high tensile strength) as strength member
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by glass yarns. Existing out of 1 Tube with a diameter of 3.3mm with
4 fibers MM OM4.




Similar Part No. - GOVNE04

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOVNE02 BELDEN-GOVNE02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 2f MM OM4.
2023 Belden, Inc
GOVNE06 BELDEN-GOVNE06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 6f MM OM4.
2023 Belden, Inc
GOVNE08 BELDEN-GOVNE08 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 8f MM OM4.
2023 Belden, Inc
More results


Similar Description - GOVNE04

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOENE04 BELDEN-GOENE04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 4f MM OM4.
2023 Belden, Inc
GORNE04 BELDEN-GORNE04 Datasheet
146Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 4f MM OM4.
2023 Belden, Inc
GOVN204 BELDEN-GOVN204 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f MM OM2.
2023 Belden, Inc
GOVND04 BELDEN-GOVND04 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f MM OM3.
2023 Belden, Inc
GOVNE02 BELDEN-GOVNE02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 2f MM OM4.
2023 Belden, Inc
GOVNE06 BELDEN-GOVNE06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 6f MM OM4.
2023 Belden, Inc
GOVNE08 BELDEN-GOVNE08 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 8f MM OM4.
2023 Belden, Inc
GOVNE12 BELDEN-GOVNE12 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 12f MM OM4.
2023 Belden, Inc
GOVNE16 BELDEN-GOVNE16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 16f MM OM4.
2023 Belden, Inc
GOVNE24 BELDEN-GOVNE24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 24f MM OM4.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com