Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1858Z Datasheet (PDF) - List of Unclassifed Manufacturers

SSD1858Z Datasheet PDF - List of Unclassifed Manufacturers
Part # SSD1858Z
Download  SSD1858Z Download
File Size   371.56 Kbytes
Page   50 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LCD Segment / Common Driver with Controller CMOS

SSD1858Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SSD1858Z Datasheet PDF - List of Unclassifed Manufacturers

Part # SSD1858Z
Download  SSD1858Z Click to download

File Size   371.56 Kbytes
Page   50 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LCD Segment / Common Driver with Controller CMOS

SSD1858Z Datasheet (HTML) - List of Unclassifed Manufacturers


SSD1858Z Product details

[Solomon]



General Description

SSD1858 is a single-chip CMOS 4 gray scale LCD driver with controller for liquid crystal dot-matrix graphic display system. SSD1858 consists of 169 high voltage driving output pins for driving maximum 104 Segments, 64 Commons and 1 icon driving Commons. SSD1858 supports two display modes 96x65 or 104x65 by pin select.

SSD1858 displays data directly from its internal 104x65x2 bits Graphic Display Data RAM (GDDRAM). Data/Commands are sent from general MCU through a hardware selectable 6800-/8080-series compatible Parallel Interface or 3/4 wires Serial Peripheral Interface.

SSD1858 embeds a DC-DC Converter, a LCD Voltage Regulator, an On-Chip Bias Divider, integrated bias capacitors, integrated booster capacitors and an On-Chip oscillator which reduce the number of external components. With the special design on minimizing power consumption and die/package layout, SSD1858 is suitable for any portable battery-driven applications requiring a long operation period and a compact size.



FEATURES

104x64 4 gray scale levels Graphic Display with an Icon Line

Programmable Multiplex ratio (partial display) [16Mux - 65Mux]

Single Supply Operation, 1.8 V - 3.3V

Low Current Sleep Mode (<1.0uA)

On-Chip Voltage Generator / External Power Supply

Software selectable 2X / 3X / 4X / 5X On-Chip DC-DC Converter, with Integrated Capacitors

On-Chip Oscillator

Software Selectable On-Chip Bias Dividers, with Integrated Capacitors

Programmable 1/4, 1/5, 1/6, 1/7, 1/8, 1/9 bias ratio 

Maximum +12.0V LCD Driving Output Voltage

Hardware pin selectable for 8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel Interface, 3-wire Serial Peripheral Interface or 4-wire Serial Peripheral Interface

On-Chip 104 x 65 x 2 Graphic Display Data RAM

Re-mapping of Row and Column Drivers

Vertical Scrolling

Display Offset Control

64 Levels Internal Contrast Control

External Contrast Control

Maximum 17MHz SPI or 15MHz PPI operation

Selectable LCD Driving Voltage Temperature Coefficients (5 settings) [-0.14%/°C (POR)]

Programmable Frame Frequency

One time programmable (OTP) capability for Vout adjusts.




Similar Part No. - SSD1858Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
CMOS LCD Segment / Common Driver with Controller
SSD1850Z ETC-SSD1850Z Datasheet
793Kb / 56P
CMOS LCD Segment / Common Driver with Controller
SSD1851 ETC-SSD1851 Datasheet
793Kb / 56P
CMOS LCD Segment / Common Driver with Controller
SSD1851TR1 ETC-SSD1851TR1 Datasheet
793Kb / 56P
CMOS LCD Segment / Common Driver with Controller
SSD1851U ETC-SSD1851U Datasheet
793Kb / 56P
CMOS LCD Segment / Common Driver with Controller
More results


Similar Description - SSD1858Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
CMOS LCD Segment / Common Driver with Controller
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
LCD Segment / Common Driver With Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
LCD Segment / Common Driver with Controller CMOS
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
LCD Segment / Common Driver with Controller
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
LCD Segment / Common Driver with Controller CMOS
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
LCD Segment / Common Driver with Controller CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com