Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF04 Datasheet (PDF) - AVX Corporation

BF04 Datasheet PDF - AVX Corporation
Part # BF04
Download  BF04 Download
File Size   57.78 Kbytes
Page   4 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Radial Leads

BF04 Datasheet (PDF)

Go To PDF Page Download Datasheet
BF04 Datasheet PDF - AVX Corporation

Part # BF04
Download  BF04 Click to download

File Size   57.78 Kbytes
Page   4 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Radial Leads

BF04 Datasheet (HTML) - AVX Corporation




Similar Part No. - BF04

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BF0004A12060 LOVATO-BF0004A12060 Datasheet
205Kb / 4P
CONTROL RELAY WITH AC COIL 60HZ, 120VAC, 4NC
BF0004A230 LOVATO-BF0004A230 Datasheet
209Kb / 5P
CONTROL RELAY WITH AC COIL 50/60HZ, 230VAC, 4NC
BF0004L024 LOVATO-BF0004L024 Datasheet
178Kb / 4P
CONTROL RELAY WITH DC COIL LOW CONSUMPTION, 24VDC, 4NC
BF0022A024 LOVATO-BF0022A024 Datasheet
208Kb / 5P
CONTROL RELAY WITH AC COIL 50/60HZ, 24VAC, 2NO AND 2NC
BF0022A048 LOVATO-BF0022A048 Datasheet
209Kb / 5P
CONTROL RELAY WITH AC COIL 50/60HZ, 48VAC, 2NO AND 2NC
More results


Similar Description - BF04

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MR051A561JAA AVX-MR051A561JAA Datasheet
389Kb / 6P
Radial Leads/Ceralam
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
Radial Leads/SkyCap짰
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
Radial Leads/SkyCap짰
SR151A101JAA AVX-SR151A101JAA Datasheet
267Kb / 8P
Radial Leads/SkyCap
SR215C104KAATR1 AVX-SR215C104KAATR1 Datasheet
267Kb / 8P
Radial Leads/SkyCap
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
Radial Leads/SkyCap
SR305C474KAR AVX-SR305C474KAR Datasheet
267Kb / 8P
Radial Leads/SkyCap
SR301C474KAR AVX-SR301C474KAR Datasheet
267Kb / 8P
Radial Leads/SkyCap
SR201C104KAR AVX-SR201C104KAR Datasheet
262Kb / 8P
Radial Leads/SkyCap
logo
Frontier Electronics.
18402 FRONTIER-18402_15 Datasheet
141Kb / 2P
RADIAL LEADS INDUCTORS
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com