Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1900882 Datasheet (PDF) - PHOENIX CONTACT

1900882 Datasheet PDF - PHOENIX CONTACT
Part # 1900882
Download  1900882 Download
File Size   427.85 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/ 2-ST1F-5,08

1900882 Datasheet (PDF)

Go To PDF Page Download Datasheet
1900882 Datasheet PDF - PHOENIX CONTACT

Part # 1900882
Download  1900882 Click to download

File Size   427.85 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/ 2-ST1F-5,08

1900882 Datasheet (HTML) - PHOENIX CONTACT


1900882 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of potentials: 2,
number of rows: 1, number of positions: 2, number of connections: 2, product range: MC 1,5/..-
ST1F, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, number of solder pins per potential: 1,
plug-in system: COMBICON MC 1,5, locking: Screw locking, mounting: Screw flange, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Screwable flange for superior mechanical stability




Similar Part No. - 1900882

ManufacturerPart #DatasheetDescription
logo
Heyco.
19008 HEYCO-19008 Datasheet
152Kb / 2P
Snap Rivets
logo
MolexKits
19008-0020 MOLEXKITS-19008-0020 Datasheet
48Kb / 2P
.110", .187" and .250" Tab Size Non-Insulated and PVC Insulated Quick Disconnect Solderless Terminals, With Universal Crimp Tool
19008-0024 MOLEXKITS-19008-0024 Datasheet
48Kb / 2P
.110", .187" and .250" Tab Size Non-Insulated and PVC Insulated Quick Disconnect Solderless Terminals, With Universal Crimp Tool
logo
Molex Electronics Ltd.
190080001 MOLEX4-190080001 Datasheet
111Kb / 2P
Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab4.75mm (.187") x 0.51mm (.020")
190080001 MOLEX-190080001 Datasheet
62Kb / 4P
PremiumGrade Hand Crimp Tool for Flag Krimptite/Vibrakrimp Un-insulated Female Quick Disconnect Terminals, 22-14 AWG
Jun 13, 2025
More results


Similar Description - 1900882

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716836 PHOENIX-1716836 Datasheet
57Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-ST1F-5,08 BK
1900947 PHOENIX-1900947 Datasheet
145Kb / 9P
Printed-circuit board connector - MC 1,5/ 8-ST1F-5,08
09/12/2020
1847372 PHOENIX-1847372 Datasheet
439Kb / 13P
PCB connector - MC 1,5/ 4-STF-5,08
Jul 21, 2022
1847356 PHOENIX-1847356 Datasheet
425Kb / 13P
PCB connector - MC 1,5/ 2-STF-5,08
Jan 3, 2023
1836118 PHOENIX-1836118 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 6-ST-5,08
Jan 3, 2023
1836134 PHOENIX-1836134 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 8-ST-5,08
Jan 3, 2023
1836189 PHOENIX-1836189 Datasheet
569Kb / 13P
PCB header - MC 1,5/ 2-G-5,08
Jan 4, 2023
1847437 PHOENIX-1847437 Datasheet
429Kb / 13P
PCB connector - MC 1,5/10-STF-5,08
Jan 10, 2023
1847466 PHOENIX-1847466 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 2-GF-5,08
Jan 5, 2023
1900918 PHOENIX-1900918 Datasheet
437Kb / 13P
MC 1,5/ 5-ST1F-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com