Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE10-S12 Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

ADE10-S12 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # ADE10-S12
Download  ADE10-S12 Download
File Size   8765.33 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description ADE10 Series-10W

ADE10-S12 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE10-S12 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # ADE10-S12
Download  ADE10-S12 Click to download

File Size   8765.33 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description ADE10 Series-10W

ADE10-S12 Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


ADE10-S12 Product details

Features
• Efficiency up to 86%
• 3000VAC Isolation
• Single output Over load/short circuit protection
• Universal Input:85-305VAC, 50/60Hz Wide temperature -25°C to 70°C
• Power modules for PCB Mounting mesign
• Plastc case




Similar Part No. - ADE10-S12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ADE10 MACOM-ADE10 Datasheet
6Mb / 326P
DIP Switches
ADE1004 MACOM-ADE1004 Datasheet
2Mb / 30P
Switches Core Program
logo
Panasonic Semiconductor
ADE103 PANASONIC-ADE103 Datasheet
76Kb / 4P
Compliant with European standards European standards power relays
ADE103 PANASONIC-ADE103 Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
ADE103 PANASONIC-ADE103 Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
More results


Similar Description - ADE10-S12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
10W10W10W/15W TRIPLE AMPLIFIER
Sep-1995
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
May-2004
TDA7297SA STMICROELECTRONICS-TDA7297SA Datasheet
497Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Phihong USA Inc.
PSA11R-033 PHIHONG-PSA11R-033 Datasheet
89Kb / 2P
10W Interchangeable Plug Series
logo
Everlight Electronics C...
JU1215-KM277P1-18610-0A0T EVERLIGHT-JU1215-KM277P1-18610-0A0T Datasheet
1Mb / 29P
18V/10W Series
JU1215-KM307P2-18610-0A0T EVERLIGHT-JU1215-KM307P2-18610-0A0T Datasheet
1Mb / 29P
18V/10W Series
JU1215-KM407P2-18610-0A0T EVERLIGHT-JU1215-KM407P2-18610-0A0T Datasheet
1Mb / 29P
18V/10W Series
JU1215-KT507P3-18610-0A0T EVERLIGHT-JU1215-KT507P3-18610-0A0T Datasheet
1Mb / 29P
18V/10W Series
JU1215-KT577P3-18610-0A0T EVERLIGHT-JU1215-KT577P3-18610-0A0T Datasheet
1Mb / 29P
18V/10W Series
JU1215-KT657P3-18610-0A0T EVERLIGHT-JU1215-KT657P3-18610-0A0T Datasheet
1Mb / 29P
18V/10W Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com