Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM10 Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

ADM10 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # ADM10
Download  ADM10 Download
File Size   927.4 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description AC/DC CONVERTER

ADM10 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM10 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # ADM10
Download  ADM10 Click to download

File Size   927.4 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description AC/DC CONVERTER

ADM10 Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


ADM10 Product details

Features
Efficiency up to 80%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Plastic case
Universal Input :85 ~ 264VAC,50/60Hz




Similar Part No. - ADM10

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
ADM100N06 ADV-ADM100N06 Datasheet
1Mb / 7P
N-Channel Enhancement Mode Field Effect Transistor
Feb,2014 -Rev.3.01
ADM100N065Q ADV-ADM100N065Q Datasheet
519Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Feb,2013 -Rev.2.01
ADM100N06Q ADV-ADM100N06Q Datasheet
543Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Feb,2013 -Rev.2.01
logo
Analog Devices
ADM1011-EVALZ AD-ADM1011-EVALZ Datasheet
607Kb / 26P
17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
2/2018-Rev. 0 to Rev. A
ADM1014 AD-ADM1014 Datasheet
167Kb / 12P
Dual PCI Hot-PlugTM Controller
More results


Similar Description - ADM10

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
AC/DC converter
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
ac-dc converter
logo
Rohm
BP5716 ROHM-BP5716 Datasheet
509Kb / 4P
AC/DC converter
BP5081B15 ROHM-BP5081B15 Datasheet
497Kb / 3P
AC/DC converter
logo
MORNSUN Science& Techno...
LH25-10B18 MORNSUN-LH25-10B18 Datasheet
253Kb / 2P
AC-DC CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
AC-DC / DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com