| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
BTS7960
|
463Kb / 28P |
High Current PN Half Bridge NovalithIC 43 A, 7 m?? 9 m?
Rev. 1.1, December 2004 |
|
BTS7970B
|
305Kb / 28P |
High Current PN Half Bridge NovalithIC 68 A, 7 m?? 9 m??typ.
Rev. 2.0, 2006-05-09 |
|
BTN7930
|
784Kb / 28P |
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007 |
|
BTN7960
|
784Kb / 28P |
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007 |
|
BTN7970
|
780Kb / 28P |
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007 |
|
BTN7975B
|
709Kb / 26P |
High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009 |
|
BTN7933B
|
737Kb / 26P |
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009 |
|
BTN7963B
|
735Kb / 26P |
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009 |
|
BTN7973B
|
735Kb / 26P |
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009 |
|
BTN8960TAAUMA1
|
1Mb / 27P |
High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31 |