Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6C4008-55TIN Datasheet (PDF) - Alliance Semiconductor Corporation

AS6C4008-55TIN Datasheet PDF - Alliance Semiconductor Corporation
Part # AS6C4008-55TIN
Download  AS6C4008-55TIN Download
File Size   722.52 Kbytes
Page   14 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 512K X 8 BIT LOW POWER CMOS SRAM

AS6C4008-55TIN Datasheet (PDF)

Go To PDF Page Download Datasheet
AS6C4008-55TIN Datasheet PDF - Alliance Semiconductor Corporation

Part # AS6C4008-55TIN
Download  AS6C4008-55TIN Click to download

File Size   722.52 Kbytes
Page   14 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 512K X 8 BIT LOW POWER CMOS SRAM

AS6C4008-55TIN Datasheet (HTML) - Alliance Semiconductor Corporation


AS6C4008-55TIN Product details

FEATURES
Access time : 55 ns
Low power consumption: Operating current : 30 mA (TYP.) Standby current : 4 μA (TYP.) Single 2.7V ~ 5.5V power supply All outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage :1.5V (MIN.) All products ROHS Compliant
Package : 32-pin 450 mil SOP;32-pin 600 mil P-DIP
32-pin 8mm x 20mm TSOP-I 32-pin 8mm x 13.4mm STSOP 36-ball 6mm x 8mm TFBGA
32-pin 400 mil TSOP-II

GENERAL DESCRIPTION
The AS6C4008 is a 4,194,304-bit low power CMOS static random access memory organized as 524,288 words by 8 bits. It is fabricated using very high performance, high reliability CMOS technology. Its standby current is stable within the range of operating temperature.
The AS6C4008 is well designed for very low power system applications, and particularly well suited for battery back-up non-volatile memory application.
The AS6C4008 op erates from a sing le p owe r sup p ly of 2.7V~ 5.5Vand all inputs and outputs are fully TTL compatible




Similar Part No. - AS6C4008-55TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
More results


Similar Description - AS6C4008-55TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008 Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128 Datasheet
249Kb / 18P
512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_12 Datasheet
309Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
512K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com