Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1353B Datasheet (PDF) - Cypress Semiconductor

CY7C1353B Datasheet PDF - Cypress Semiconductor
Part # CY7C1353B
Download  CY7C1353B Download
File Size   535.32 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256Kx18 Flow-Through SRAM with NoBL Architecture

CY7C1353B Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1353B Datasheet PDF - Cypress Semiconductor

Part # CY7C1353B
Download  CY7C1353B Click to download

File Size   535.32 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256Kx18 Flow-Through SRAM with NoBL Architecture

CY7C1353B Datasheet (HTML) - Cypress Semiconductor


CY7C1353B Product details

Functional Description

The CY7C1353B is a 3.3V, 256K by 18 Synchronous Flow-Through Burst SRAM designed specifically to support unlimited true back-to-back Read/Write operations without the insertion of wait states. The CY7C1353B is equipped with the advanced No Bus Latency™ (NoBL™) logic required to enable consecutive Read/Write operations with data being transferred on every clock cycle. This feature dramatically improves the throughput of data through the SRAM, especially in sys tems that require frequent Write-Read transitions. The CY7C1353B is pin/functionally compatible to ZBT SRAMs MCM63Z819 and MT55L256L18F.



Features

• Pin compatible and functionally equivalent to ZBT™ devices MCM63Z819 and MT55L256L18F

• Supports 117-MHz bus operations with zero wait states

— Data is transferred on every clock

• Internally self-timed output buffer control to eliminate the need to use OE

• Registered inputs for flow-through operation

• Byte Write capability

• 256K x 18 common I/O architecture

• Single 3.3V power supply

• Fast clock-to-output times

— 7.5 ns (for 117- MHz device)

— 8.5 ns (for 100-MHz device)

— 11.0 ns (for 66-MHz device)

— 12. 0 ns (for 50-MHz device)

— 14.0 ns (for 40-MHz device)

• Clock Enable (CEN) pin to suspend operation

• Synchronous self-timed writes

• Asynchronous Output Enable

• JEDEC-standard 100 TQFP package

• Burst Capability—linear or interleaved burst order

• Low standby power




Similar Part No. - CY7C1353B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353 CYPRESS-CY7C1353 Datasheet
162Kb / 13P
256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353-40AC CYPRESS-CY7C1353-40AC Datasheet
162Kb / 13P
256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353-50AC CYPRESS-CY7C1353-50AC Datasheet
162Kb / 13P
256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353-66AC CYPRESS-CY7C1353-66AC Datasheet
162Kb / 13P
256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
More results


Similar Description - CY7C1353B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
CY7C1353 CYPRESS-CY7C1353 Datasheet
162Kb / 13P
256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1351 CYPRESS-CY7C1351 Datasheet
185Kb / 13P
128Kx36 Flow-Through SRAM with NoBL TM Architecture
CY7C1231H CYPRESS-CY7C1231H Datasheet
534Kb / 12P
2-Mbit (128K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1333 CYPRESS-CY7C1333 Datasheet
183Kb / 12P
64Kx32 Flow-Thru SRAM with NoBL??Architecture
CY7C1231F CYPRESS-CY7C1231F_05 Datasheet
209Kb / 12P
2-Mbit (128K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com