Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH162827 Datasheet (PDF) - NXP Semiconductors

74ALVCH162827 Datasheet PDF - NXP Semiconductors
Part # 74ALVCH162827
Download  74ALVCH162827 Download
File Size   72.29 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)

74ALVCH162827 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH162827 Datasheet PDF - NXP Semiconductors

Part # 74ALVCH162827
Download  74ALVCH162827 Click to download

File Size   72.29 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)

74ALVCH162827 Datasheet (HTML) - NXP Semiconductors


74ALVCH162827 Product details

DESCRIPTION
The 74ALVCH162827 high-performance CMOS device combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• Complies with JEDEC standard no. 8-1A.
• CMOS low power consumption
• Direct interface with TTL levels
• Current drive ± 12 mA at 3.0 V
• MULTIBYTETM flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Integrated 30  termination resistors




Similar Part No. - 74ALVCH162827

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
74ALVCH162827DGG NEXPERIA-74ALVCH162827DGG Datasheet
191Kb / 14P
20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
logo
Texas Instruments
74ALVCH162827DLG4 TI1-74ALVCH162827DLG4 Datasheet
345Kb / 13P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH162827DLRG4 TI1-74ALVCH162827DLRG4 Datasheet
345Kb / 13P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH162827GRE4 TI1-74ALVCH162827GRE4 Datasheet
345Kb / 13P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74ALVCH162827

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT162827_2 PHILIPS-74ALVT162827_2_15 Datasheet
100Kb / 10P
20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT162827 NEXPERIA-74ALVT162827 Datasheet
199Kb / 14P
20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 3 - 24 January 2018
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com